Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64X-FCP Datasheet(PDF) 27 Page - STMicroelectronics

Part # M24C64X-FCP
Description  64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64X-FCP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M24C64X-FCP Datasheet HTML 23Page - STMicroelectronics M24C64X-FCP Datasheet HTML 24Page - STMicroelectronics M24C64X-FCP Datasheet HTML 25Page - STMicroelectronics M24C64X-FCP Datasheet HTML 26Page - STMicroelectronics M24C64X-FCP Datasheet HTML 27Page - STMicroelectronics M24C64X-FCP Datasheet HTML 28Page - STMicroelectronics M24C64X-FCP Datasheet HTML 29Page - STMicroelectronics M24C64X-FCP Datasheet HTML 30Page - STMicroelectronics M24C64X-FCP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
10.2
WLCSP4 (CU) ultra thin package information
Figure 17. Ultra thin WLCSP- 4 bumps, 0.711 x 0.731 mm, wafer level chip scale package outline
e
F
H
Orientation
reference
e
G
F
b
A1
A3
A2
A
aaa
(2x)
bbb Z
DETAIL A
aaa
(2x)
X
Y
E
D
Orientation
reference
TOP VIEW
SIDE VIEW
BOTTOM VIEW
ddd
Z
ccc
Z
X Y
b
eee Z
A1
SEATING PLANE
Z
DETAIL A
1.
Drawing is not to scale.
2.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
3.
Bump position designation per JESD 95-1, SPP-010.
M24C64X-FCU M24C64X-FCP
WLCSP4 (CU) ultra thin package information
DS12107 - Rev 7
page 27/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com