Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64X-FCP Datasheet(PDF) 22 Page - STMicroelectronics

Part # M24C64X-FCP
Description  64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64X-FCP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M24C64X-FCP Datasheet HTML 18Page - STMicroelectronics M24C64X-FCP Datasheet HTML 19Page - STMicroelectronics M24C64X-FCP Datasheet HTML 20Page - STMicroelectronics M24C64X-FCP Datasheet HTML 21Page - STMicroelectronics M24C64X-FCP Datasheet HTML 22Page - STMicroelectronics M24C64X-FCP Datasheet HTML 23Page - STMicroelectronics M24C64X-FCP Datasheet HTML 24Page - STMicroelectronics M24C64X-FCP Datasheet HTML 25Page - STMicroelectronics M24C64X-FCP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Table 16. 1 MHz AC characteristics
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
0
1
MHz
tCHCL
tHIGH
Clock pulse width high
260
-
ns
tCLCH
tLOW
Clock pulse width low
700
-
ns
tXH1XH2
tR
Input signal rise time
(1)
(1)
ns
tXL1XL2
tF
Input signal fall time
(1)
(1)
ns
tQL1QL2 (2)
tF
SDA (out) fall time
20 (3)
120
ns
tDXCH
tSU:DAT
Data in setup time
50
-
ns
tCLDX
tHD:DAT
Data in hold time
0
-
ns
tCLQX (4)
tDH
Data out hold time
50
-
ns
tCLQV (5)
tAA
Clock low to next data valid (access time)
-
650
ns
tCHDL
tSU:STA
Start condition setup time
250
-
ns
tDLCL
tHD:STA
Start condition hold time
250
-
ns
tCHDH
tSU:STO
Stop condition setup time
250
-
ns
tDHDL
tBUF
Time between Stop condition and next Start condition
500
-
ns
tW
tWR
Write time
-
5
ms
tNS (2)
-
Pulse width ignored (input filter on SCL and SDA)
-
50
ns
1. There is no min. or max. values for the input signal rise and fall times. However, it is recommended by the I²C specification
that the input signal rise and fall times be more than 20 ns and less than 120 ns when fC < 1 MHz.
2. Characterized only, not tested in production.
3. With CL = 10 pF.
4. To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of
SDA.
5. tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach either 0.3 VCC or 0.7 VCC, assuming
that the Rbus × Cbus time constant is within the values specified in Figure 13.
M24C64X-FCU M24C64X-FCP
DC and AC parameters
DS12107 - Rev 7
page 22/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com