Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64X-FCP Datasheet(PDF) 28 Page - STMicroelectronics

Part # M24C64X-FCP
Description  64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64X-FCP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M24C64X-FCP Datasheet HTML 24Page - STMicroelectronics M24C64X-FCP Datasheet HTML 25Page - STMicroelectronics M24C64X-FCP Datasheet HTML 26Page - STMicroelectronics M24C64X-FCP Datasheet HTML 27Page - STMicroelectronics M24C64X-FCP Datasheet HTML 28Page - STMicroelectronics M24C64X-FCP Datasheet HTML 29Page - STMicroelectronics M24C64X-FCP Datasheet HTML 30Page - STMicroelectronics M24C64X-FCP Datasheet HTML 31Page - STMicroelectronics M24C64X-FCP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Table 18. Ultra thin WLCSP- 4 bumps, 0.711 x 0.731 mm, wafer level chip scale package mechanical data
Symbol
millimeters
inches (1)
Min
Typ
Max
Min
Typ
Max
A
0.262
0.295
0.328
0.0103
0.0116
0.0129
A1
-
0.095
-
-
0.0037
-
A2
-
0.175
-
-
0.0069
-
A3
-
0.025
-
-
0.0010
-
b(2) (3)
-
0.185
-
-
0.0073
-
D
-
0.711
0.731
-
0.0280
0.0288
E
-
0.731
0.751
-
0.0288
0.0296
e
-
0.400
-
-
0.0157
-
F
-
0.156
-
-
0.0061
-
G
-
0.161
-
-
0.0063
-
H
-
0.171
-
-
0.0067
-
aaa
-
0.110
-
-
0.0043
-
bbb
-
0.110
-
-
0.0043
-
ccc
-
0.110
-
-
0.0043
-
ddd
-
0.060
-
-
0.0024
-
eee
-
0.060
-
-
0.0024
-
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
3. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
Figure 18. Ultra thin WLCSP- 4 bumps, 0.711 x 0.731 mm, wafer level chip scale package recommended
footprint
0.400
0.400
4 bumps x
0.185
1.
Dimensions are expressed in millimeters.
M24C64X-FCU M24C64X-FCP
WLCSP4 (CU) ultra thin package information
DS12107 - Rev 7
page 28/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com