Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64X-FCP Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24C64X-FCP
Description  64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64X-FCP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24C64X-FCP Datasheet HTML 22Page - STMicroelectronics M24C64X-FCP Datasheet HTML 23Page - STMicroelectronics M24C64X-FCP Datasheet HTML 24Page - STMicroelectronics M24C64X-FCP Datasheet HTML 25Page - STMicroelectronics M24C64X-FCP Datasheet HTML 26Page - STMicroelectronics M24C64X-FCP Datasheet HTML 27Page - STMicroelectronics M24C64X-FCP Datasheet HTML 28Page - STMicroelectronics M24C64X-FCP Datasheet HTML 29Page - STMicroelectronics M24C64X-FCP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Table 17. WLCSP -4 balls, 0.711 x 0.731 mm, 0.4 mm pitch, wafer level chip scale mechanical data
Symbol
Milimeters
Inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
0.200
0.225
0.250
0.0079
0.0091
0.0098
A1
-
0.025
-
-
0.0012
-
A2
-
0.175
-
-
0.0071
-
A3(3)
-
0.025
-
-
0.0012
-
b
-
0.185
-
-
0.0075
-
D
-
0.711
0.731
-
0.028
0.0287
E
-
0.731
0.751
-
0.0287
0.0290
e
-
0.400
-
-
0.0157
-
F
-
0.166
-
-
0.0065
-
G
-
0.156
-
-
0.0061
-
aaa
-
0.110
-
-
0.0043
-
bbb
-
0.110
-
-
0.0043
-
ccc
-
0.110
-
-
0.0043
-
ddd
-
0.060
-
-
0.0024
-
eee
-
0.060
-
-
0.0024
-
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. The maximum total package height is calculated by the RSS method (root sum square) using nominal and tolerances values
of A1 and A2
3. Backside coating. Nominal dimension is rounded to the 3rd decimal place resulting from process capability
Figure 16. WLCSP -4 balls, 0.711 x 0.731 mm, 0.4 mm pitch, wafer level chip scale recommended footprint
0.400
0.400
4 bumps x
0.185
1.
Dimensions are expressed in millimeters
M24C64X-FCU M24C64X-FCP
WLCSP4 (CP) package information
DS12107 - Rev 7
page 26/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com