Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3018BA2C Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # ZSSC3018BA2C
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2C Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button ZSSC3018BA2C Datasheet HTML 33Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 34Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 35Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 36Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 37Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 38Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 39Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 40Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
37
September 8, 2020
MTP Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
11
0BIN
AbsV_enable
Enable bit for thermopile input selection (INN connected to
AGND, INP connected absolute voltage source) with
AbsV_enable:
0  absolute voltage input disabled (default)
1  absolute voltage input enabled (e.g. for a
thermopile)
14:12
000BIN
Offset
Differential signal’s offset shift in ADC;
compensation of x% signal offset:
000  no offset compensation
001  6.75% offset
010  12.5% offset
011  19.25% offset
100  25% offset
101  31.75% offset
110  38.5% offset
111  43.25% offset
Note: Shift_method (bit 15 below) must be set
to 1 to enable the offset shift.
15
0BIN
Shift_method
Offset shift method selection:
0  No offset shift, Offset (bits[14:12] in 12HEX) must be
set to 000BIN, GainADC = 1
1  Offset shift ADC, GainADC = 2
Post-Calibration Offset Correction Coefficients
17HEX
15:0
0000HEX
SENS_Shift[15:0]
Bits [15:0] of the post-calibration sensor offset shift
coefficient SENS_Shift. (The MSB bits of SENS_Shift are
bits [7:0] of register 19HEX.)
18HEX
15:0
0000HEX
T_Shift[15:0]
Bits [15:0] of the post-calibration temperature offset shift
coefficient T_Shift. (The MSB bits of T_Shift are bits [15:8]
of register 19HEX.)
19HEX
7:0
00HEX
SENS_Shift[23:16]
Bits [23:16] of the post-calibration sensor offset shift
coefficient SENS_Shift. (The LSB bits of SENS_Shift are in
register 17HEX.)
15:8
00HEX
T_Shift[23:16]
Bits [23:16] of the post-calibration temperature offset shift
coefficient T_Shift. (The LSB bits of T_Shift are in register
18HEX.)
Free Memory – Arbitrary Use
20HEX
15:0
0000HEX
Not assigned (e.g., can be used for Cust_IDx customer
identification number)
21HEX
15:0
0000HEX
Not assigned (e.g., can be used for Cust_IDx customer
identification number)
…
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com