Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3018BA2C Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # ZSSC3018BA2C
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2C Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button ZSSC3018BA2C Datasheet HTML 42Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 43Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 44Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 45Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 46Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 47Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 48Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 49Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
46
September 8, 2020
4. Packaging Dimensions and Pin Assignments
The ZSSC3018 is available as die or as a 24-PQFN. See Table 4.1 for detailed 24-PQFN package dimensions and Table 4.2 for pin
descriptions.
For die and pad dimensions refer to the ZSSC3018 Technical Brief – Die and Pad Dimensions.
Figure 4.1 General 24-PQFN Package Dimensions
Table 4.1 24-PQFN Dimensions (4 x 4 mm)
Dimension Limit
MIN
NOM
MAX
A
0.80
0.90
A1
0.00
0.05
b
0.20
0.30
e
0.50
HD
3.90
4.10
HE
3.90
4.10
L
0.30
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com