Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3018BA2C Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # ZSSC3018BA2C
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2C Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button ZSSC3018BA2C Datasheet HTML 43Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 44Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 45Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 46Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 47Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 48Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 49Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 50Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 51Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
47
September 8, 2020
Table 4.2 Pin Assignments 24-PQFN
Note: In the following table, “n.c.” stands for not connected / no connection required / not bonded.
Pin No.
Name
Direction
Type
Description
1
TEST1
-
–
Do not connect.
2
RES
In
Digital
ZSSC3018 reset (low active, internal pull-up).
3
VDDB
Out
Analog
Positive external bridge-sensor supply.
4
INN
In
Analog
Negative sensor signal (or sensor ground for absolute
voltage-source sensors).
5
EOC
Out
Digital
End of conversion or interrupt output.
6
MISO
Out
Digital
Data output for SPI.
7
TEST2
-
–
Do not connect.
8
n.c.
-
–
–
9
n.c.
-
–
–
10
n.c.
-
–
–
11
n.c.
-
–
–
12
SCLK/SCL
In
Digital
Clock input for SPI/I²C.
13
MOSI/SDA
In/Out
Digital
Data input for SPI; data in/out for I²C.
14
VSSB
Out
Analog
Negative external bridge-sensor supply (sensor ground).
15
INP
In
Analog
Positive sensor signal.
16
TEST5
-
–
Do not connect.
17
SS
In
Digital
Slave select for SPI.
18
TEST4
-
–
Do not connect.
19
TEST3
-
–
Do not connect.
20
n.c.
-
–
–
21
n.c.
-
–
–
22
VDD
In
Supply
IC positive supply voltage for the ZSSC3018.
23
n.c.
-
–
–
24
VSS
In
Supply
Ground reference voltage signal.
25
Exposed pad
-
–
Do not connect electrically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com