Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4401ABCEZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 23Page - Analog Devices ADF4401ABCEZ Datasheet HTML 24Page - Analog Devices ADF4401ABCEZ Datasheet HTML 25Page - Analog Devices ADF4401ABCEZ Datasheet HTML 26Page - Analog Devices ADF4401ABCEZ Datasheet HTML 27Page - Analog Devices ADF4401ABCEZ Datasheet HTML 28Page - Analog Devices ADF4401ABCEZ Datasheet HTML 29Page - Analog Devices ADF4401ABCEZ Datasheet HTML 30Page - Analog Devices ADF4401ABCEZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 27 of 39
Address: 0x1F, Default: 0x01, Name: REG001F
5-Bit R Counter.
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[4:0] R_WORD (R/W)
Table 22. Bit Descriptions for REG001F
Bit(s)
Bit Name
Description
Default
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
R_WORD
5-Bit R Counter.
0x1
R/W
Address: 0x20, Default: 0x14, Name: REG0020
Mux Out.
Mux Out Enable.
Mux Out Level Select.
0
0
1
0
2
1
3
0
4
1
5
0
6
0
7
0
[7:4] MUXOUT (R/W)
[1:0] RESERVED
[3] MUXOUT_EN (R/W)
[2] LEV_SEL (R/W)
Table 23. Bit Descriptions for REG0020
Bit(s)
Bit Name
Description
Default
Access
[7:4]
MUXOUT
Mux Out. Is used to set the mux out signal when MUXOUT_EN = 1.
0x1
R/W
0: tristate, high impedance output (only works when MUXOUT_EN = 0).
1: digital lock detect for calibration PLL.
10: charge pump up.
11: charge pump down.
100: R divider output/2.
101: N divider output/2.
110: VCO test modes.
111: reserved.
1000: high.
1001: VCO calibration R band/2.
1010: VCO calibration N band/2.
3
MUXOUT_EN
Mux Out Enable. Set to 0 if using 4-wire SPI.
0x0
R/W
0: MUXOUT pin is configured as serial data output for 4-wire SPI. Mux out functionality
is disabled.
1: MUXOUT pin is configured for mux out functionality.
2
LEV_SEL
Mux Out Level Select. Select the voltage level of the logic at the mux out.
0x1
R/W
0: 1.8 V logic.
1: 3.3 V logic.
[1:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com