Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4401ABCEZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 6Page - Analog Devices ADF4401ABCEZ Datasheet HTML 7Page - Analog Devices ADF4401ABCEZ Datasheet HTML 8Page - Analog Devices ADF4401ABCEZ Datasheet HTML 9Page - Analog Devices ADF4401ABCEZ Datasheet HTML 10Page - Analog Devices ADF4401ABCEZ Datasheet HTML 11Page - Analog Devices ADF4401ABCEZ Datasheet HTML 12Page - Analog Devices ADF4401ABCEZ Datasheet HTML 13Page - Analog Devices ADF4401ABCEZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 10 of 39
TYPICAL PERFORMANCE CHARACTERISTICS
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
M1
M2
M3
M4
M5
M6
M7
M1 1kHz
–60.29dBc/Hz
M2 10kHz
–89.95dBc/Hz
M3 100kHz –117.9dBc/Hz
M4 1MHz
–139.1dBc/Hz
M5 10MHz
–156.3dBc/Hz
M6 30MHz
–160.95dBc/Hz
M7 95MHz
–162.86dBc/Hz
Figure 7. Open-Loop VCO Phase Noise, 4.0 GHz, VCC_VCO = 5 V
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
M1
M2
M3
M4
M5
M6
M7
M1 1kHz
–55.29dBc/Hz
M2 10kHz
–85.75dBc/Hz
M3 100kHz –112.32dBc/Hz
M4 1MHz
–136.05dBc/Hz
M5 10MHz
–155.3dBc/Hz
M6 30MHz
–161.75dBc/Hz
M7 95MHz
–161.11dBc/Hz
Figure 8. Open-Loop VCO Phase Noise, 5.7 GHz, VCC_VCO = 5 V
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
M1
M2
M3
M4
M5
M6
M7
M1 1kHz
–54.23dBc/Hz
M2 10kHz
–84.17dBc/Hz
M3 100kHz –110.13dBc/Hz
M4 1MHz
–133.29dBc/Hz
M5 10MHz
–153.36dBc/Hz
M6 30MHz
–159.75dBc/Hz
M7 95MHz
–163.7dBc/Hz
Figure 9. Open-Loop VCO Phase Noise, 8.0 GHz, VCC_VCO = 5 V
–40
–60
–80
–100
–120
–140
–160
–180
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–40°C
+25°C
+105°C
Figure 10. Open-Loop VCO Phase Noise over Temperature, 8.0 GHz,
VCC_VCO = 5 V
0
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
FREQUENCY (GHz)
Figure 11. RF8N Single-Ended Output Power, De-Embedded Board and Cable
Measurement, (3.3 nH Inductors, 10 pF AC Coupling Capacitors Limit Power
at Low Frequencies), Maximum Power Setting
0
–80
–70
–60
–50
–40
–30
–20
–10
0.5 1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
CARRIER FREQUENCY (GHz)
SECOND HARMONIC
THIRD HARMONIC
FOURTH HARMONIC
FIFTH HARMONIC
SIXTH HARMONIC
Figure 12. RF8P and RF8N Output Harmonics, De-Embedded Board and
Cable Measurement, Combined Using Balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com