Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4401ABCEZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 26Page - Analog Devices ADF4401ABCEZ Datasheet HTML 27Page - Analog Devices ADF4401ABCEZ Datasheet HTML 28Page - Analog Devices ADF4401ABCEZ Datasheet HTML 29Page - Analog Devices ADF4401ABCEZ Datasheet HTML 30Page - Analog Devices ADF4401ABCEZ Datasheet HTML 31Page - Analog Devices ADF4401ABCEZ Datasheet HTML 32Page - Analog Devices ADF4401ABCEZ Datasheet HTML 33Page - Analog Devices ADF4401ABCEZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 30 of 39
Address: 0x28, Default: 0x03, Name: REG0028
Los s of Lock Enable.
Lock Detector Count.
0
1
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[7:3] RESERVED
[0] LOL_EN (R/W)
[2:1] LD_COUNT (R/W)
Table 28. Bit Descriptions for REG0028
Bit(s)
Bit Name
Description
Default
Access
[7:3]
RESERVED
Reserved.
0x0
R
[2:1]
LD_COUNT
Lock Detector Count. Initial value of the lock detector. This field sets the number of counts
of PFD within lock window before asserting digital lock detect high.
0x1
R/W
0: 1024 cycles.
1: 2048 cycles.
10: 4096 cycles.
11: 8192 cycles.
0
LOL_EN
Loss of Lock Enable. When loss of lock is enabled, if the digital lock detect is asserted, and
the reference signal is removed, digital lock detect goes low. It is recommended to set to 1
to enable loss of lock.
0x1
R/W
0: disabled.
1: loss of lock enabled.
Address: 0x2B, Default: 0x01, Name: REG002B
Σ-ΔEnable.
Res erved.
Enable Auxiliary SDM.
Mas k
Σ-ΔReset when REG0010
is updated.
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] SD_EN_FRAC0 (R/W)
[5] LSB_P1 (R/W)
[1] RESERVED
[4] VAR_MOD_EN (R/W)
[2] SD_LOAD_ENB (R/W)
[3] RESERVED
Table 29. Bit Descriptions for REG002B
Bit(s)
Bit Name
Description
Default
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
LSB_P1
Reserved.
0x0
R/W
4
VAR_MOD_EN
Enable Auxiliary SDM. Set to 0 for normal operation.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
2
SD_LOAD_ENB
Mask Σ-Δ Reset when REG0010 is updated.
0x0
R/W
1
RESERVED
Reserved.
0x0
R
0
SD_EN_FRAC0
Σ-Δ Enable. Set to 1 when in INT mode (when FRAC1 = FRAC2 = 0), and set to 0 when in
FRAC mode.
0x1
R/W
0: Σ-Δ enabled (for fractional mode).
1: Σ-Δ disabled (for integer mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com