Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28076PZP Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 32Page - Texas Instruments TMS320F28076PZP Datasheet HTML 33Page - Texas Instruments TMS320F28076PZP Datasheet HTML 34Page - Texas Instruments TMS320F28076PZP Datasheet HTML 35Page - Texas Instruments TMS320F28076PZP Datasheet HTML 36Page - Texas Instruments TMS320F28076PZP Datasheet HTML 37Page - Texas Instruments TMS320F28076PZP Datasheet HTML 38Page - Texas Instruments TMS320F28076PZP Datasheet HTML 39Page - Texas Instruments TMS320F28076PZP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 192 page
background image
7.5 Power Consumption Summary
Current values listed in this section are representative for the test conditions given and not the absolute
maximum possible. The actual device currents in an application will vary with application code and pin
configurations. Section 7.5.1 shows the device current consumption at 120-MHz SYSCLK. Section 7.5.2 shows
the device current consumption at 120-MHz SYSCLK with the internal VREG enabled.
7.5.1 Device Current Consumption at 120-MHz SYSCLK
MODE
TEST CONDITIONS
IDD
IDDIO (1)
IDDA
IDD3VFL
TYP(3)
MAX(2)
TYP(3)
MAX(2)
TYP(3)
MAX(2)
TYP(3)
MAX(2)
Operational
•
Code is running out of RAM.(4)
•
All I/O pins are left unconnected.
•
Peripherals not active have their
clocks disabled.
•
FLASH is read and in active state.
•
XCLKOUT is enabled at SYSCLK/4.
140 mA
295 mA
25 mA
13 mA
20 mA
33 mA
40 mA
IDLE
•
CPU1 is in IDLE mode.
•
Flash is powered down.
•
XCLKOUT is turned off.
50 mA
185 mA
3 mA
10 mA
10 µA
150 µA
10 µA
150 µA
STANDBY
•
CPU1 is in STANDBY mode.
•
Flash is powered down.
•
XCLKOUT is turned off.
25 mA
170 mA
3 mA
10 mA
5 µA
150 µA
10 µA
150 µA
HALT
•
CPU1 watchdog is running.
•
Flash is powered down.
•
XCLKOUT is turned off.
1.5 mA
120 mA
750 µA
2 mA
5 µA
150 µA
10 µA
150 µA
HIBERNATE
•
CPU1.M0 and CPU1.M1 RAMs are
in low-power data retention mode.
300 µA
5 mA
750 µA
2 mA
5 µA
75 µA
1 µA
50 µA
Flash
Erase/Program(5)
•
CPU1 is running from RAM.
•
All I/O pins are left unconnected.
•
Peripheral clocks are disabled.
•
CPU1 is performing Flash Erase and
Programming.
•
XCLKOUT is turned off.
97 mA
145 mA
3 mA
10 mA
10 µA
150 µA
45 mA
55 mA
(1)
IDDIO current is dependent on the electrical loading on the I/O pins.
(2)
MAX: Vmax, 125°C
(3)
TYP: Vnom, 30°C
(4)
The following is executed in a loop on CPU1:
•
All of the communication peripherals are exercised in loop-back mode: CAN-A to CAN-B; SPI-A to SPI-C; SCI-A to SCI-D; I2C-A to
I2C-B; McBSP-A to McBSP-B; USB
•
ePWM1 to ePWM12 generate 400-kHz PWM output on 24 pins
•
CPU TIMERs active
•
DMA does 32-bit burst transfers
•
CLA1 does multiply-accumulate tasks
•
All ADCs perform continuous conversion
•
All DACs ramp voltage up/down at 150 kHz
•
CMPSS1 to CMPSS8 active
•
TMU calculates a cosine
•
FPU does multiply/accumulate with parallel load
(5)
Brownout events during flash programming can corrupt flash data. Programming environments using alternate power sources (such as
a USB programmer) must be capable of supplying the rated current for the device and other system components with sufficient margin
to avoid supply brownout conditions.
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com