Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28076PZP Datasheet(PDF) 98 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 94Page - Texas Instruments TMS320F28076PZP Datasheet HTML 95Page - Texas Instruments TMS320F28076PZP Datasheet HTML 96Page - Texas Instruments TMS320F28076PZP Datasheet HTML 97Page - Texas Instruments TMS320F28076PZP Datasheet HTML 98Page - Texas Instruments TMS320F28076PZP Datasheet HTML 99Page - Texas Instruments TMS320F28076PZP Datasheet HTML 100Page - Texas Instruments TMS320F28076PZP Datasheet HTML 101Page - Texas Instruments TMS320F28076PZP Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 192 page
background image
Section 7.10.2.1.2 shows the CMPSS DAC static electrical characteristics. Figure 7-37 shows the CMPSS DAC
static offset. Figure 7-38 shows the CMPSS DAC static gain. Figure 7-39 shows the CMPSS DAC static linearity.
7.10.2.1.2 CMPSS DAC Static Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMPSS DAC output range
Internal reference
0
VDDA (1)
V
External reference
0
VDAC
Static offset error(2)
–25
25
mV
Static gain error(2)
–2
2
% of FSR
Static DNL
Endpoint corrected
>–1
4
LSB
Static INL
Endpoint corrected
–16
16
LSB
Settling time
Settling to 1 LSB after full-scale output
change
1
µs
Resolution
12
bits
CMPSS DAC output disturbance(3)
Error induced by comparator trip or
CMPSS DAC code change within the
same CMPSS module
–100
100
LSB
CMPSS DAC disturbance time(3)
200
ns
VDAC reference voltage
When VDAC is reference
2.4
2.5 or 3.0
VDDA
V
VDAC load(4)
When VDAC is reference
6
kΩ
(1)
The maximum output voltage is VDDA when VDAC > VDDA.
(2)
Includes comparator input referred errors.
(3)
Disturbance error may be present on the CMPSS DAC output for a certain amount of time after a comparator trip.
(4)
Per active CMPSS module.
Offset Error
Figure 7-37. CMPSS DAC Static Offset
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
98
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com