Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28076PZP Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 33Page - Texas Instruments TMS320F28076PZP Datasheet HTML 34Page - Texas Instruments TMS320F28076PZP Datasheet HTML 35Page - Texas Instruments TMS320F28076PZP Datasheet HTML 36Page - Texas Instruments TMS320F28076PZP Datasheet HTML 37Page - Texas Instruments TMS320F28076PZP Datasheet HTML 38Page - Texas Instruments TMS320F28076PZP Datasheet HTML 39Page - Texas Instruments TMS320F28076PZP Datasheet HTML 40Page - Texas Instruments TMS320F28076PZP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 192 page
background image
7.5.2 Device Current Consumption at 120-MHz SYSCLK With the Internal VREG Enabled
MODE(1)
TEST CONDITIONS
IDDIO (2)
IDDA
IDD3VFL
TYP(4)
MAX(3)
TYP(4)
MAX(3)
TYP(4)
MAX(3)
Operational
(RAM)
•
Code is running out of RAM.(5)
•
All I/O pins are left unconnected.
•
Peripherals not active have their clocks
disabled.
•
FLASH is read and in active state.
•
XCLKOUT is enabled at SYSCLK/4.
165 mA
375 mA
13 mA
25 mA
33 mA
40 mA
IDLE
•
CPU1 is in IDLE mode.
•
Flash is powered down.
•
XCLKOUT is turned off.
53 mA
200 mA
10 µA
150 µA
10 µA
150 µA
STANDBY
•
CPU1 is in STANDBY mode.
•
Flash is powered down.
•
XCLKOUT is turned off.
28 mA
185 mA
5 µA
150 µA
10 µA
150 µA
HALT
•
CPU1 watchdog is running.
•
Flash is powered down.
•
XCLKOUT is turned off.
2.25 mA
125 mA
5 µA
150 µA
10 µA
150 µA
HIBERNATE
•
CPU1.M0 and CPU1.M1 RAMs are in low-
power data retention mode.
1.2 mA
8 mA
5 µA
75 µA
1 µA
50 µA
(1)
The internal voltage regulator is described in Section 7.9.1.1.
(2)
IDDIO current is dependent on the electrical loading on the I/O pins.
(3)
MAX: Vmax, 125°C
(4)
TYP: Vnom, 30°C
(5)
The following is executed in a loop on CPU1:
•
All of the communication peripherals are exercised in loop-back mode: CAN-A to CAN-B; SPI-A to SPI-C; SCI-A to SCI-D; I2C-A to
I2C-B; McBSP-A to McBSP-B; USB
•
ePWM1 to ePWM12 generate 400-kHz PWM output on 24 pins
•
CPU TIMERs active
•
DMA does 32-bit burst transfers
•
CLA1 does multiply-accumulate tasks
•
All ADCs perform continuous conversion
•
All DACs ramp voltage up/down at 150 kHz
•
CMPSS1 to CMPSS8 active
•
TMU calculates a cosine
•
FPU does multiply/accumulate with parallel load
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com