Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28076PZP Datasheet(PDF) 100 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 96Page - Texas Instruments TMS320F28076PZP Datasheet HTML 97Page - Texas Instruments TMS320F28076PZP Datasheet HTML 98Page - Texas Instruments TMS320F28076PZP Datasheet HTML 99Page - Texas Instruments TMS320F28076PZP Datasheet HTML 100Page - Texas Instruments TMS320F28076PZP Datasheet HTML 101Page - Texas Instruments TMS320F28076PZP Datasheet HTML 102Page - Texas Instruments TMS320F28076PZP Datasheet HTML 103Page - Texas Instruments TMS320F28076PZP Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 192 page
background image
7.10.3 Buffered Digital-to-Analog Converter (DAC)
The buffered DAC module consists of an internal 12-bit DAC and an analog output buffer that is capable of
driving an external load. An integrated pulldown resistor on the DAC output helps to provide a known pin voltage
when the output buffer is disabled. This pulldown resistor cannot be disabled and remains as a passive
component on the pin, even for other shared pin mux functions. Software writes to the DAC value register can
take effect immediately or can be synchronized with EPWMSYNCPER events.
Each buffered DAC has the following features:
• 12-bit programmable internal DAC
• Selectable reference voltage
• Pulldown resistor on output
• Ability to synchronize with EPWMSYNCPER
The block diagram for the buffered DAC is shown in Figure 7-40.
EPWM1SYNCPER
VREFHI
VDDA
VSSA
VDAC
DACCTL[DACREFSEL]
DACCTL[LOADMODE]
SYSCLK
DACCTL[SYNCSEL]
EPWM2SYNCPER
EPWM3SYNCPER
EPWMnSYNCPER
...
0
1
D
Q
>
D
Q
DACVALS
0
1
2
Y
n-1
0
1
DACVALA
Buffer
12-bit
DAC
VSSA
DACOUT
DACREF
RPD
EN
Figure 7-40. DAC Module Block Diagram
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
100
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com