Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28076PZP Datasheet(PDF) 54 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 50Page - Texas Instruments TMS320F28076PZP Datasheet HTML 51Page - Texas Instruments TMS320F28076PZP Datasheet HTML 52Page - Texas Instruments TMS320F28076PZP Datasheet HTML 53Page - Texas Instruments TMS320F28076PZP Datasheet HTML 54Page - Texas Instruments TMS320F28076PZP Datasheet HTML 55Page - Texas Instruments TMS320F28076PZP Datasheet HTML 56Page - Texas Instruments TMS320F28076PZP Datasheet HTML 57Page - Texas Instruments TMS320F28076PZP Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 192 page
background image
7.9.4 Flash Parameters
The on-chip flash memory is tightly integrated to the CPU, allowing code execution directly from flash through
128-bit-wide prefetch reads and a pipeline buffer. Flash performance for sequential code is equal to execution
from RAM. Factoring in discontinuities, most applications will run with an efficiency of approximately 80% relative
to code executing from RAM.
This device also has an OTP (One-Time-Programmable) sector used for the dual code security module (DCSM),
which cannot be erased after it is programmed.
Table 7-4 shows the minimum required flash wait states at different frequencies. Section 7.9.4.1 shows the flash
parameters.
Table 7-4. Flash Wait States
CPUCLK (MHz)
MINIMUM WAIT STATES (1)
EXTERNAL OSCILLATOR OR CRYSTAL
INTOSC1 OR INTOSC2
100 < CPUCLK ≤ 120
97 < CPUCLK ≤ 120
2
50 < CPUCLK ≤ 100
48 < CPUCLK ≤ 97
1
CPUCLK ≤ 50
CPUCLK ≤ 48
0
(1)
Minimum required FRDCNTL[RWAIT].
7.9.4.1 Flash Parameters
PARAMETER
MIN
TYP
MAX
UNIT
Program Time(1)
128 data bits + 16 ECC bits
40
300
µs
8KW sector
100
200
ms
32KW sector
400
800
ms
Erase Time(2) at < 25 cycles
8KW sector
35
60
ms
32KW sector
40
65
Erase Time(2) at 20k cycles
8KW sector
110
4000
ms
32KW sector
120
4000
Nwec
Write/erase cycles
20000
cycles
tretention
Data retention duration at TJ = 85°C
20
years
(1)
Program time is at the maximum device frequency. Program time includes overhead of the flash state machine but does not include
the time to transfer the following into RAM:
•
Code that uses flash API to program the flash
•
Flash API itself
•
Flash data to be programmed
In other words, the time indicated in this table is applicable after all the required code/data is available in the device RAM, ready for
programming. The transfer time will significantly vary depending on the speed of the JTAG debug probe used.
Program time calculation is based on programming 144 bits at a time at the specified operating frequency. Program time includes
Program verify by the CPU. The program time does not degrade with write/erase (W/E) cycling, but the erase time does.
Erase time includes Erase verify by the CPU and does not involve any data transfer.
(2)
Erase time includes Erase verify by the CPU.
Note
The Main Array flash programming must be aligned to 64-bit address boundaries and each 64-bit
word may only be programmed once per write/erase cycle. For more details, see the "Flash: Minimum
Programming Word Size" advisory in the TMS320F2807x MCUs Silicon Errata .
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
54
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com