Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28076PZP Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 60Page - Texas Instruments TMS320F28076PZP Datasheet HTML 61Page - Texas Instruments TMS320F28076PZP Datasheet HTML 62Page - Texas Instruments TMS320F28076PZP Datasheet HTML 63Page - Texas Instruments TMS320F28076PZP Datasheet HTML 64Page - Texas Instruments TMS320F28076PZP Datasheet HTML 65Page - Texas Instruments TMS320F28076PZP Datasheet HTML 66Page - Texas Instruments TMS320F28076PZP Datasheet HTML 67Page - Texas Instruments TMS320F28076PZP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 192 page
background image
7.9.8.3 Low-Power Mode Wakeup Timing
Section 7.9.8.3.1 shows the IDLE mode timing requirements, Section 7.9.8.3.2 shows the switching
characteristics, and Figure 7-17 shows the timing diagram for IDLE mode.
7.9.8.3.1 IDLE Mode Timing Requirements
MIN
MAX
UNIT(1)
tw(WAKE)
Pulse duration, external wake-up signal
Without input qualifier
2tc(SYSCLK)
cycles
With input qualifier
2tc(SYSCLK) + tw(IQSW)
(1)
For an explanation of the input qualifier parameters, see Section 7.9.6.2.1.
7.9.8.3.2 IDLE Mode Switching Characteristics
over recommended operating conditions (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td(WAKE-IDLE)
Delay time, external wake signal to program execution resume (2)
cycles
•
Wakeup from Flash
–
Flash module in active state
Without input qualifier
40tc(SYSCLK)
With input qualifier
40tc(SYSCLK) + tw(WAKE)
•
Wakeup from Flash
–
Flash module in sleep state
Without input qualifier
6700tc(SYSCLK) (3)
With input qualifier
6700tc(SYSCLK) (3) + tw(WAKE)
•
Wakeup from RAM
Without input qualifier
25tc(SYSCLK)
With input qualifier
25tc(SYSCLK) + tw(WAKE)
(1)
For an explanation of the input qualifier parameters, see Section 7.9.6.2.1.
(2)
This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered
by the wake-up signal) involves additional latency.
(3)
This value is based on the flash power-up time, which is a function of the SYSCLK frequency, flash wait states (RWAIT), and
FPAC1[PSLEEP]. For more information, see the Flash and OTP Power-Down Modes and Wakeup section of the TMS320F2807x
Microcontrollers Technical Reference Manual . This value can be realized when SYSCLK is 120 MHz, RWAIT is 2, and
FPAC1[PSLEEP] is 0x860.
WAKE
(A)
XCLKOUT
Address/Data
(internal)
t
w(WAKE)
t
d(WAKE-IDLE)
A. WAKE can be any enabled interrupt, WDINT or XRS. After the IDLE instruction is executed, a delay of five OSCCLK cycles (minimum) is
needed before the wake-up signal could be asserted.
Figure 7-17. IDLE Entry and Exit Timing Diagram
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
64
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com