Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28076PZP Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 75Page - Texas Instruments TMS320F28076PZP Datasheet HTML 76Page - Texas Instruments TMS320F28076PZP Datasheet HTML 77Page - Texas Instruments TMS320F28076PZP Datasheet HTML 78Page - Texas Instruments TMS320F28076PZP Datasheet HTML 79Page - Texas Instruments TMS320F28076PZP Datasheet HTML 80Page - Texas Instruments TMS320F28076PZP Datasheet HTML 81Page - Texas Instruments TMS320F28076PZP Datasheet HTML 82Page - Texas Instruments TMS320F28076PZP Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 192 page
background image
7.10 Analog Peripherals
The analog subsystem module is described in this section.
The analog modules on this device include the ADC, temperature sensor, buffered DAC, and CMPSS.
The analog subsystem has the following features:
• Flexible voltage references
– The ADCs are referenced to VREFHIx and VREFLOx pins.
• VREFHIx pin voltage must be driven in externally.
• The buffered DACs are referenced to VREFHIx and VSSA.
– Alternately, these DACs can be referenced to the VDAC pin and VSSA.
• The comparator DACs are referenced to VDDA and VSSA.
– Alternately, these DACs can be referenced to the VDAC pin and VSSA.
• Flexible pin usage
– Buffered DAC and comparator subsystem functions multiplexed with ADC inputs
• Internal connection to VREFLO on all ADCs for offset self-calibration
Figure 7-27 shows the Analog Subsystem Block Diagram for the 176-pin PTP package. Figure 7-28 shows the
Analog Subsystem Block Diagram for the 100-pin PZP package.
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com