Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28076PZP Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320F28076PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PZP Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320F28076PZP Datasheet HTML 67Page - Texas Instruments TMS320F28076PZP Datasheet HTML 68Page - Texas Instruments TMS320F28076PZP Datasheet HTML 69Page - Texas Instruments TMS320F28076PZP Datasheet HTML 70Page - Texas Instruments TMS320F28076PZP Datasheet HTML 71Page - Texas Instruments TMS320F28076PZP Datasheet HTML 72Page - Texas Instruments TMS320F28076PZP Datasheet HTML 73Page - Texas Instruments TMS320F28076PZP Datasheet HTML 74Page - Texas Instruments TMS320F28076PZP Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 192 page
background image
7.9.9.1 Asynchronous Memory Support
The EMIF supports asynchronous memories:
• SRAMs
• NOR Flash memories
There is an external wait input that allows slower asynchronous memories to extend the memory access. The
EMIF module supports up to three chip selects ( EMIF_CS[4:2]). Each chip select has the following individually
programmable attributes:
• Data bus width
• Read cycle timings: setup, hold, strobe
• Write cycle timings: setup, hold, strobe
• Bus turnaround time
• Extended wait option with programmable time-out
• Select strobe option
7.9.9.2 Synchronous DRAM Support
The EMIF memory controller is compliant with the JESD21-C SDR SDRAMs that use a 32-bit or 16-bit data bus.
The EMIF has a single SDRAM chip select ( EMIF_CS[0]).
The address space of the EMIF, for the synchronous memory (SDRAM), lies beyond the 22-bit range of the
program address bus and can only be accessed through the data bus, which places a restriction on the C
compiler being able to work effectively on data in this space. Therefore, when using SDRAM, the user is advised
to copy data (using the DMA) from external memory to RAM before working on it. See the examples in
C2000Ware (C2000Ware for C2000 MCUs ) and the TMS320F2807x Microcontrollers Technical Reference
Manual .
SDRAM configurations supported are:
• One-bank, two-bank, and four-bank SDRAM devices
• Devices with 8-, 9-, 10-, and 11-column addresses
• CAS latency of two or three clock cycles
• 16-bit/32-bit data bus width
• 3.3-V LVCMOS interface
Additionally, the EMIF supports placing the SDRAM in self-refresh and power-down modes. Self-refresh mode
allows the SDRAM to be put in a low-power state while still retaining memory contents because the SDRAM will
continue to refresh itself even without clocks from the microcontroller. Power-down mode achieves even lower
power, except the microcontroller must periodically wake up and issue refreshes if data retention is required. The
EMIF module does not support mobile SDRAM devices.
On this device, the EMIF does not support burst access for SDRAM configurations. This means every access to
an external SDRAM device will have CAS latency.
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com