Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 52Page - STMicroelectronics ST25R3918 Datasheet HTML 53Page - STMicroelectronics ST25R3918 Datasheet HTML 54Page - STMicroelectronics ST25R3918 Datasheet HTML 55Page - STMicroelectronics ST25R3918 Datasheet HTML 56Page - STMicroelectronics ST25R3918 Datasheet HTML 57Page - STMicroelectronics ST25R3918 Datasheet HTML 58Page - STMicroelectronics ST25R3918 Datasheet HTML 59Page - STMicroelectronics ST25R3918 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 142 page
background image
Application information
ST25R3918
56/142
DS13490 Rev 1
If Stop All Activities is received during RF collision avoidance the field detection is
terminated and field is not set, consequently no interrupts are sent
stops automatic field ON (same as above)
stops automatic field OFF
If Stop All Activities is received during waiting for automatic field off via GPT, the field
remains on
nfc_ar is set to 01b, then it clears the awareness that there was a previous reception
stops Temporary Enable
This command does not update any register apart from the FIFO status registers. Therefore
it does not disable the field detector in CE mode (if it was enabled), and it does not switch off
the field (if it was enabled).
4.4.3
Clear FIFO
This direct command clears the FIFO and the FIFO status registers. It does not clear the
IRQ line or IRQ status bits.
To prepare a transmission send this command first before writing data into the FIFO. If a
Clear FIFO command is sent during an ongoing data transmission, then the data
transmission is aborted and FIFO and FIFO status registers are cleared.
4.4.4
Transmit commands
The transmit direct commands are used to start a data transmission from the ST25R3918.
They switch the device to reception mode after the transmission is completed.
Before sending commands Transmit with CRC and Transmit without CRC, direct command
Clear FIFO has to be sent, followed by the definition of the number of transmitted bytes and
writing data to be transmitted in FIFO.
Use the direct commands Transmit REQA and Transmit WUPA to transmit ISO14443A
short frame commands REQA and WUPA respectively. It is not necessary to send the direct
command Clear FIFO before these two commands.
If the antcl bit is set, then the number of valid bits in the last byte must be set to 0 (nbtx<2:0>
in the Number of transmitted bytes register 2) prior to the direct command Transmit REQA
or Transmit WUPA.
The direct commands Transmit REQA and Transmit WUPA automatically disable the CRC
check of the response frame. The CRC check is enabled again after any of the below
conditions:
Transmit with CRC direct command
Mask receive data direct command
No Response timer expires
4.4.5
NFC field ON commands
The NFC field ON direct commands are used to perform RF Collision Avoidance. The
external field detector must be enabled for these commands to work correctly.
To determine whether an external field is present the ST25R3918 compares the RF voltage
level on the RFI1 pin with the collision avoidance threshold defined in the External field
detector activation threshold register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com