Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 53Page - STMicroelectronics ST25R3918 Datasheet HTML 54Page - STMicroelectronics ST25R3918 Datasheet HTML 55Page - STMicroelectronics ST25R3918 Datasheet HTML 56Page - STMicroelectronics ST25R3918 Datasheet HTML 57Page - STMicroelectronics ST25R3918 Datasheet HTML 58Page - STMicroelectronics ST25R3918 Datasheet HTML 59Page - STMicroelectronics ST25R3918 Datasheet HTML 60Page - STMicroelectronics ST25R3918 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 142 page
background image
DS13490 Rev 1
57/142
ST25R3918
Application information
141
If no external field is detected, then the ST25R3918 transmitter is switched on automatically
(bit tx_en in the Operation control register is set) and an I_apon IRQ is signaled. After the
RF guard time defined in the NFC field on guard timer register has passed an I_cat IRQ is
signaled. At this point the controller can initiate a data transmission using a transmit
command.
If an external field is detected a I_cac IRQ is signaled, and the ST25R3918 transmitter stays
off.
The direct command NFC initial field ON performs an Initial collision avoidance according to
NFCIP-1 standard, and the direct command NFC response field ON performs a Response
collision avoidance according to NFCIP-1 standard. See Figure 25, Figure 26 and Table 12
for details on the timing of these commands.
Figure 25. Direct command NFC initial field ON
Figure 26. Direct command NFC response field ON
MS42450V1
TIDT
TIRFG
n x TRFW
Start
RF on
TRFW
MS42451V1
TADT
TARFG
n x TRFW
Start
RF on
TRFW
Table 12. Timing parameters of NFC field ON commands
Parameter
Symbol
Value
Unit
Notes
Initial delay time
TIDT
4096
/ fc
NFC initial field ON
RF waiting time
TRFW
512
/ fc
n = 0…3 based on nfc_n<1:0>
Initial guard time
TIRFG
75 µs +
NFC field on guard time
s
NFC field on guard time defined in the NFC field
on guard timer register.
NFCIP-1 TIRFG requirement: 5 …35 ms
Active delay time
TADT
768
/ fc
NFC response field ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com