Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 59Page - STMicroelectronics ST25R3918 Datasheet HTML 60Page - STMicroelectronics ST25R3918 Datasheet HTML 61Page - STMicroelectronics ST25R3918 Datasheet HTML 62Page - STMicroelectronics ST25R3918 Datasheet HTML 63Page - STMicroelectronics ST25R3918 Datasheet HTML 64Page - STMicroelectronics ST25R3918 Datasheet HTML 65Page - STMicroelectronics ST25R3918 Datasheet HTML 66Page - STMicroelectronics ST25R3918 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 142 page
background image
DS13490 Rev 1
63/142
ST25R3918
Application information
141
Wake-up
32
Wake-up timer control register
33
Amplitude measurement configuration register
34
Amplitude measurement reference register
35
Amplitude measurement auto-averaging display register
36
Amplitude measurement display register
37
Phase measurement configuration register
38
Phase measurement reference register
39
Phase measurement auto-averaging display register
3A
Phase measurement display register
IC identity
3F
IC identity register
Table 14. List of registers - Space B
Type
Address (hex)
Register space B (Rs-B)
Protocol configuration
05
EMD suppression configuration register
06
Subcarrier start timer register
Receiver configuration
0B
Passive target receiver configuration register 1
0C
Correlator configuration register 1
0D
Correlator configuration register 2
Timer definition
0F
Squelch timer register
15
NFC field on guard timer register
Antenna driver and modulation
28
Auxiliary modulation setting register
29
TX driver timing register
External field detector threshold
2A
Resistive AM modulation register
2B
TX driver timing display register
Regulator
2C
Regulator display register
Protection
30
Overshoot protection configuration register 1
31
Overshoot protection configuration register 2
32
Undershoot protection configuration register 1
33
Undershoot protection configuration register 2
Table 13. List of registers - Space A (continued)
Type
Address (hex)
Register space A (Rs-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com