Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 55Page - STMicroelectronics ST25R3918 Datasheet HTML 56Page - STMicroelectronics ST25R3918 Datasheet HTML 57Page - STMicroelectronics ST25R3918 Datasheet HTML 58Page - STMicroelectronics ST25R3918 Datasheet HTML 59Page - STMicroelectronics ST25R3918 Datasheet HTML 60Page - STMicroelectronics ST25R3918 Datasheet HTML 61Page - STMicroelectronics ST25R3918 Datasheet HTML 62Page - STMicroelectronics ST25R3918 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 142 page
background image
DS13490 Rev 1
59/142
ST25R3918
Application information
141
4.4.9
Reset RX gain
This command initializes the AGC, Squelch and RSSI block and resets the gain reduction to
the value set in Receiver configuration register 4. Sending this command also stops any
ongoing squelch process.
4.4.10
Adjust regulators
When this command is sent, then the transmitter and receiver are enabled to ensure a high
current draw and the regulated voltage VDD_RF is set 250 mV below the power supply level
of VDD_TX. Before sending the adjust regulator command it is required to toggle the bit reg_s
by setting it first to 1 and then reset it to 0. After the adjustment is completed the state of the
transmitter and receiver prior to the command execution is restored (either enabled or
disabled).
Duration time: 5 ms max.
This command is not accepted if external definition of the regulated voltage is selected in
the Regulator voltage control register (bit reg_s is set to 1).
4.4.11
Measure phase
This command measures the phase difference between the signals on the RFO outputs and
the signals on the RFI inputs and stores the result in the A/D converter output register.
This command enables the transmitter and phase detector, and performs an A/D conversion
of the output of the phase detector with the A/D converter in relative mode. The phase
measurement results can be calculated using the following formulas:
0 ≤ Φ ≤ 17º: result = 255
17 < Φ < 163º: angle [º] = 17 + (1 -result / 255) * 146
163 ≥ Φ ≥ 180º: result = 0
Duration time: 25 μs max.
4.4.12
Clear RSSI
The receiver automatically clears the RSSI bits in the RSSI display register and starts a new
measurement of the RSSI when a new reception is started (e.g. after a Transmit direct
command). Since the RSSI bits store the peak value (peak-hold type) eventual variation of
the receiver input signal will not be followed (this may happen in case of a long message or
test procedure).
The direct command Clear RSSI clears the RSSI bits in the RSSI display register, and
restarts the RSSI measurement. This allows to obtain multiple RSSI measurements during a
single reception.
4.4.13
Transparent mode
This command sets the receiver and transmitter into the transparent mode. The device
enters the transparent mode on the rising edge of the BSS signal of the SPI frame used to
send the direct command. The transparent mode is maintained as long as signal BSS is
kept high, that is, the following SPI command sent from the microcontroller will automatically
stop the transparent mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com