Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 8Page - STMicroelectronics ST25R3918 Datasheet HTML 9Page - STMicroelectronics ST25R3918 Datasheet HTML 10Page - STMicroelectronics ST25R3918 Datasheet HTML 11Page - STMicroelectronics ST25R3918 Datasheet HTML 12Page - STMicroelectronics ST25R3918 Datasheet HTML 13Page - STMicroelectronics ST25R3918 Datasheet HTML 14Page - STMicroelectronics ST25R3918 Datasheet HTML 15Page - STMicroelectronics ST25R3918 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 142 page
background image
Description
ST25R3918
12/142
DS13490 Rev 1
2
Description
The ST25R3918 is a multipurpose NFC transceiver supporting NFC reader, passive peer to
peer functionality and NFC card emulation mode.
This IC is optimized for IOT and other consumer or industrial applications where excellent
analog performance is required.
The ST25R3918 is also optimized to achieve good read ranges with low output power, even
under noisy and harsh environments, using noise reduction receiver technology.
This IC offers an advanced analog front end (AFE) and a highly integrated data framing
system for NFC-A/B (ISO 14443A/B) reader including higher bit rates. NFC-V (ISO 15693)
reader is supported up to 53 kbps via streaming mode to read cards.
ISO 18092 passive initiator and target and NFC-A / NFC-F card emulation are also available
to ensure communication between end products. This enables device programming or
simple NDEF data transfers to interact with Android™ phones or to use Apple® App Clips.
Special stream and transparent modes of the AFE and framing system can be used to
implement other custom protocols in reader or card emulation mode.
The ST25R3918 includes a low power wakeup mode to scan for the presence of a card by
performing a measurement of the amplitude or phase of the antenna signal. It also contains
a low power RC oscillator and wake-up timer to automatically trigger the device after the
configured time period and check for a presence of a tag.
The ST25R3918 is designed to operate from a wide power supply range (2.6 to 5.5 V from
-40 °C to +105 °C, 2.4 to 5.5 V from -20 °C to +105 °C), and a wide peripheral IO voltage
range (from 1.65 to 5.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com