Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 58Page - STMicroelectronics ST25R3918 Datasheet HTML 59Page - STMicroelectronics ST25R3918 Datasheet HTML 60Page - STMicroelectronics ST25R3918 Datasheet HTML 61Page - STMicroelectronics ST25R3918 Datasheet HTML 62Page - STMicroelectronics ST25R3918 Datasheet HTML 63Page - STMicroelectronics ST25R3918 Datasheet HTML 64Page - STMicroelectronics ST25R3918 Datasheet HTML 65Page - STMicroelectronics ST25R3918 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 142 page
background image
Application information
ST25R3918
62/142
DS13490 Rev 1
Interrupt and
associated reporting
16
Mask main interrupt register
17
Mask timer and NFC interrupt register
18
Mask error and wake-up interrupt register
19
Mask passive target interrupt register
1A
Main interrupt register
1B
Timer and NFC interrupt register
1C
Error and wake-up interrupt register
1D
Passive target interrupt register
1E
FIFO status register 1
1F
FIFO status register 2
20
Collision display register
21
Passive target display register
Definition of number of
transmitted bytes
22
Number of transmitted bytes register 1
23
Number of transmitted bytes register 2
24
Bit rate detection display register
A/D converter output
25
A/D converter output register
Antenna calibration
26
Reserved register
27
Reserved register
Antenna driver and
modulation
28
TX driver register
29
Passive target modulation register
External field detector
threshold
2A
External field detector activation threshold register
2B
External field detector deactivation threshold register
Regulator
2C
Regulator voltage control register
Receiver state display
2D
RSSI display register
2E
Gain reduction state register
Auxiliary display
31
Auxiliary display register
Table 13. List of registers - Space A (continued)
Type
Address (hex)
Register space A (Rs-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com