Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 70Page - STMicroelectronics ST25R3918 Datasheet HTML 71Page - STMicroelectronics ST25R3918 Datasheet HTML 72Page - STMicroelectronics ST25R3918 Datasheet HTML 73Page - STMicroelectronics ST25R3918 Datasheet HTML 74Page - STMicroelectronics ST25R3918 Datasheet HTML 75Page - STMicroelectronics ST25R3918 Datasheet HTML 76Page - STMicroelectronics ST25R3918 Datasheet HTML 77Page - STMicroelectronics ST25R3918 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 142 page
background image
Application information
ST25R3918
74/142
DS13490 Rev 1
4.5.11
Auxiliary definition register
Register space: A
Address: 0Ah
Type: RW
Table 32. Auxiliary definition register
Bit
Name
Default
Function
Comments
7
no_crc_rx
0
0: Receive with CRC check
1: Receive without CRC check
Valid for all protocols, for ISO14443A REQA,
WUPA and anticollision receive without CRC is
done automatically(1).
6RFU
0
-
-
5
nfc_id1
0
00: 4 bytes NFCID1
01: 7 bytes NFCID1
1x: RFU
Selects NFCID1 size.
4nfc_id0
0
3
mfaz_cl90
0
0: 0° shifted clock for phase
measurement
1: 90° shifted clock for phase
measurement
Affects also PM demodulation.
Should be set to 0 for PM demodulation.
2
dis_corr
0
Refer to Table 33
Selects RW receiver operation.
1nfc_n1
0
-
Value of n for direct commands NFC Initial Field
ON and NFC Response Field ON (0...3)(2).
0nfc_n0
0
1. Receive without CRC is done automatically when REQA and WUPA commands are sent using direct commands Transmit
REQA and Transmit WUPA, respectively, and in case anticollision is performed setting bit antcl.
2. The value of nfc_n<1:0> must be set prior to the NFC Initial Field ON and NFC Response Field ON operations.
Table 33. RW receiver operation
Mode
dis_corr = 0
dis_corr = 1
ISO-A (106 to 848 kHz)
Correlator reception
NA
ISO-B (106 to 848 kHz)
Pulse reception (coherent)
NFC Forum Type 1 Tag (Topaz)
NA
Stream modes
(scf<1:0> = 01, scp<1:0> = 11)
Pulse reception
Stream modes - Others
NA
Pulse reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com