Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 104Page - STMicroelectronics ST25R3918 Datasheet HTML 105Page - STMicroelectronics ST25R3918 Datasheet HTML 106Page - STMicroelectronics ST25R3918 Datasheet HTML 107Page - STMicroelectronics ST25R3918 Datasheet HTML 108Page - STMicroelectronics ST25R3918 Datasheet HTML 109Page - STMicroelectronics ST25R3918 Datasheet HTML 110Page - STMicroelectronics ST25R3918 Datasheet HTML 111Page - STMicroelectronics ST25R3918 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 142 page
background image
Application information
ST25R3918
108/142
DS13490 Rev 1
4.5.53
Resistive AM modulation register
Register space: B
Address: 2Ah
Type: RW
Table 80. Resistive AM modulation register
Bit
Name
Default
Function
Comments
7
fa3_f
0
0: Use normal non-overlap
1: Use minimum non-overlap
-
6
md_res6
0
Refer to Table 81.
Resistive AM modulated state driver output resistance.
5
md_res5
0
4
md_res4
0
3
md_res3
0
2
md_res2
0
1
md_res1
0
0
md_res0
0
Table 81. Resistive AM modulated state driver output resistance
md_res<6:0>
Driver output resistance RRFO
(normalized)
md_res<6:0>
Driver output resistance RRFO
(normalized)
64
1.02
96
2.06
65
1.03
97
2.13
66
1.05
98
2.21
67
1.07
99
2.29
68
1.08
100
2.37
69
1.10
101
2.46
70
1.12
102
2.56
71
1.14
103
2.67
72
1.16
104
2.78
73
1.19
105
2.91
74
1.21
106
3.05
75
1.23
107
3.20
76
1.26
108
3.37
77
1.28
109
3.56
78
1.31
110
3.76
79
1.33
111
4.00
80
1.36
112
4.27
81
1.39
113
4.57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com