Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR3C55-5BA352I Datasheet(PDF) 71 Page - Agere Systems

Part # OR3C55-5BA352I
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55-5BA352I Datasheet(HTML) 71 Page - Agere Systems

Back Button OR3C55-5BA352I Datasheet HTML 67Page - Agere Systems OR3C55-5BA352I Datasheet HTML 68Page - Agere Systems OR3C55-5BA352I Datasheet HTML 69Page - Agere Systems OR3C55-5BA352I Datasheet HTML 70Page - Agere Systems OR3C55-5BA352I Datasheet HTML 71Page - Agere Systems OR3C55-5BA352I Datasheet HTML 72Page - Agere Systems OR3C55-5BA352I Datasheet HTML 73Page - Agere Systems OR3C55-5BA352I Datasheet HTML 74Page - Agere Systems OR3C55-5BA352I Datasheet HTML 75Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 210 page
background image
Lucent Technologies Inc.
71
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Microprocessor Interface (MPI) (continued)
Device ID Registers
The MPI device ID is broken into four registers holding 1 byte each. The device ID that is available through the MPI
is the same as the boundary-scan ID code, except that the device ID in the MPI has a reverse bit order. There is no
means to overwrite any of the device ID as can be done with the boundary-scan ID, but the MPI scratchpad register
can be used as a personalization register. The format for the entire device ID is shown below followed by family and
device values and the partitioning of the device ID into the four device ID registers.
Table 23. Device ID Code
* PLC array size of FPGA.
Table 24 shows the family and device values for all parts covered by this data sheet.
Table 24. Series 3 Family and Device ID Values
Table 25 describes the device IDs for all parts covered by this data sheet as they are partitioned into the four regis-
ters found in the MPI.
Table 25. ORCA Series 3 Device ID Descriptions
Version
Part*
Family
Manufacturer
MSB
4 bits
10 bits
6 bits
11 bits
1 bit
Example: (First version of Lucent’s OR3C55)
0000 0100100000 110000 00000011101 1
Part Name
Family ID
(Hex)
Device ID
(Hex)
OR3T20
03
0C
OR3T30
03
0E
OR3C/T55
03
12
OR3C/T80
03
16
OR3T125
03
1C
Device ID Register 1
Bit 0
Logic 1. This bit is always a one.
Bits [7:1]
0011101, the 7 least significant bits of the Lucent Technologies manufacturer ID.
Device ID Register 2
Bits [3:0]
0000, the 4 most significant bits of the Lucent Technologies manufacturer ID.
Bits [7:4]
The 4 least significant bits of the 10-bit part number.
Device ID Register 3
Bits [5:0]
The 6 most significant bits of the 10-bit part number.
Bits [7:6]
The 2 least significant bits of the device family code.
Device ID Register 4
Bits [3:0]
The 4 most significant bits of the device family code.
Bits [7:4]
The 4-bit device version code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com