Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR3C55-5BA352I Datasheet(PDF) 43 Page - Agere Systems

Part # OR3C55-5BA352I
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55-5BA352I Datasheet(HTML) 43 Page - Agere Systems

Back Button OR3C55-5BA352I Datasheet HTML 39Page - Agere Systems OR3C55-5BA352I Datasheet HTML 40Page - Agere Systems OR3C55-5BA352I Datasheet HTML 41Page - Agere Systems OR3C55-5BA352I Datasheet HTML 42Page - Agere Systems OR3C55-5BA352I Datasheet HTML 43Page - Agere Systems OR3C55-5BA352I Datasheet HTML 44Page - Agere Systems OR3C55-5BA352I Datasheet HTML 45Page - Agere Systems OR3C55-5BA352I Datasheet HTML 46Page - Agere Systems OR3C55-5BA352I Datasheet HTML 47Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 210 page
background image
Lucent Technologies Inc.
43
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Input/Output Cells
(continued)
PIO Logic Function Generator
The PIO logic block can also generate logic functions
based on the signals on the OUT2 and CLK ports of
the PIO. The functions are AND, NAND, OR, NOR,
XOR, and XNOR. Table 10 is provided as a summary
of the PIO logic options.
PIO Register Control Signals
As discussed in the Inputs and Outputs subsections,
the PIO latches/FFs have various clock, clock enable
(CE), local set/reset (LSR), and global set/reset
(GSRN) controls. Table 11 provides a summary of
these control signals and their effect on the PIO
latches/FFs. Note that all control signals are optionally
invertible.
Table 10. PIO Logic Options
Option
Description
OUT1OUTREG
Data at OUT1 output when clock
low, data at FF out when clock
high.
OUT2OUTREG
Data at OUT2 output when clock
low, data at FF out when clock
high.
OUT1OUT2
Data at OUT1 output when clock
low, data at OUT2 when clock
high.
AND
Output logical AND of signals on
OUT2 and clock.
NAND
Output logical NAND of signals
on OUT2 and clock.
OR
Output logical OR of signals on
OUT2 and clock.
NOR
Output logical NOR of signals on
OUT2 and clock.
XOR
Output logical XOR of signals on
OUT2 and clock.
XNOR
Output logical XNOR of signals
on OUT2 and clock.
Table 11. PIO Register Control Signals
Control Signal
Effect/Functionality
ExpressCLK
Clocks input fast-capture latch;
optionally clocks output FF, or
3-state FF.
System Clock
(SCLK)
Clocks input latch/FF; optionally
clocks output FF, or 3-state FF.
Clock Enable
(CE)
Optionally enables/disables input
FF (not available for input latch
mode); optionally enables/dis-
ables output FF; separate CE
inversion capability for input and
output.
Local Set/Reset
(LSR)
Option to disable; affects input
latch/FF, output FF, and 3-state
FF if enabled.
Global Set/Reset
(GSRN)
Option to enable or disable per
PIO after initial configuration.
Set/Reset Mode
The input latch/FF, output FF, and
3-state FF are individually set or
reset by both the LSR and GSRN
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com