Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR3C55-5BA352I Datasheet(PDF) 52 Page - Agere Systems

Part # OR3C55-5BA352I
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55-5BA352I Datasheet(HTML) 52 Page - Agere Systems

Back Button OR3C55-5BA352I Datasheet HTML 48Page - Agere Systems OR3C55-5BA352I Datasheet HTML 49Page - Agere Systems OR3C55-5BA352I Datasheet HTML 50Page - Agere Systems OR3C55-5BA352I Datasheet HTML 51Page - Agere Systems OR3C55-5BA352I Datasheet HTML 52Page - Agere Systems OR3C55-5BA352I Datasheet HTML 53Page - Agere Systems OR3C55-5BA352I Datasheet HTML 54Page - Agere Systems OR3C55-5BA352I Datasheet HTML 55Page - Agere Systems OR3C55-5BA352I Datasheet HTML 56Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 210 page
background image
52
52
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Clock Distribution Network (continued)
Clock Sources to the PLC Array
The source of a clock that is globally available to the
PLC array can be from any user I/O pad, any of the
ExpressCLK
pads, or an internally generated source.
System Clock
As described in the Programmable Input/Output Cells
section, PICs are grouped in adjacent pairs. Any one of
the eight pads in a PIC pair can drive a clock spine in a
row or column. For PIC pairs on the top of the chip, the
column associated with the left PIC has the clock
spine, for pairs on the bottom, the right PIC column has
the spine. The top PIC of the pair sources the spine
from the left side of the array, and the bottom PIC of the
pair sources the spine from the right side of the array.
Clock delay and skew are minimized by having a single
clock buffer per pair of PICs. The clock spine for each
pair can also be driven by one of the four PIC switching
segments (pSW) in each PIC of the pair. This allows a
signal generated in the PLC array to be routed onto the
global clock spine network. The system clock output of
the programmable clock manager (PCM) may also be
routed to the global system clock spines via the pSW
segments. Figure 33 shows the clock spine multiplex-
ing structure for a pair of PICs on the top of the array.
Fast Clock
The fast clock spines are sourced to the PLC array
from each side of the device by the ExpressCLK pads
via the CLKCNTRL function block (described in the
Special Function Blocks section). The ExpressCLK and
fast clock source from the pads is shown in Figure 34
and will be described further in the ExpressCLK Inputs
subsection.
5-5800(F)
Figure 33. PIC System Clock Spine Generation
Clocks in the PICs
Because the Series 3 FPGAs have latches and FFs in
the I/Os, it is necessary to have clock signal distribution
to the PIOs as well as in the PLC array. The system
clock, the fast clock, and the ExpressCLK are available
for PIO clocking.
PIC System Clock
There are five local system clock lines in each PIC.
Much like the sources for a clock in the PFU, two of the
local PIC clocks are generated within the PIC from long
lines. One is generated from the set of ten PIC long
lines (pxL) that runs parallel to the PICs on a side, and
the other is generated from the set of ten long lines (xL)
from the PLC array that terminate in the PIC. Another
local PIC system clock route comes from the set of ten
xL lines in the adjacent PLC that is parallel to the side
of the array on which the PIC resides. The fourth local
PIC system clock route comes from the set of ten long
lines (xL) from the PLC array that terminate in the adja-
cent PIC that is not part of the same PIC pair. Much like
the E1 signals in the PLCs that are used to distribute a
local clock to the PFU source, the fifth local clock line in
each PIC comes from local pSW signals. This clock
signal for each PIC is shown in Figure 33. One of these
five local PIC system clocks is selected for the system
clock signal in the PIO. It is used as the PIO system
clock for both input and output clocking as selected
within the PIO. All PIOs in a PIC share the same sys-
tem clock.
PIC ExpressCLK
The ExpressCLK signal used at the PIC latches/FFs
comes from the CLKCNTRL function block that resides
in the middle of the side on which the PIC resides. A
single signal comes from the CLKCNTRL and is driven
by separate buffers onto two ExpressCLK long wires.
One of these ExpressCLK signals goes to the PICs on
the right of (above) the CLKCNTRL block, and the
other ExpressCLK signal goes to the PICs on the left of
(below) the CLKCNTRL block on that side.
PAD A
PAD B
PAD C
PAD D
pSW[4]
pSW[5]
pSW[6]
pSW[7]
SPINE
TO LOCAL CLOCKS
TO LOCAL CLOCKS
TPICL
TPICR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com