Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR3C55-5BA352I Datasheet(PDF) 87 Page - Agere Systems

Part # OR3C55-5BA352I
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55-5BA352I Datasheet(HTML) 87 Page - Agere Systems

Back Button OR3C55-5BA352I Datasheet HTML 83Page - Agere Systems OR3C55-5BA352I Datasheet HTML 84Page - Agere Systems OR3C55-5BA352I Datasheet HTML 85Page - Agere Systems OR3C55-5BA352I Datasheet HTML 86Page - Agere Systems OR3C55-5BA352I Datasheet HTML 87Page - Agere Systems OR3C55-5BA352I Datasheet HTML 88Page - Agere Systems OR3C55-5BA352I Datasheet HTML 89Page - Agere Systems OR3C55-5BA352I Datasheet HTML 90Page - Agere Systems OR3C55-5BA352I Datasheet HTML 91Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 210 page
background image
Lucent Technologies Inc.
87
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
FPGA States of Operation (continued)
Start-Up
After configuration, the FPGA enters the start-up
phase. This phase is the transition between the config-
uration and operational states and begins when the
number of CCLKs received after INIT goes high is equal
to the value of the length count field in the configuration
frame and when the end of configuration frame has
been written. The system design issue in the start-up
phase is to ensure the user I/Os become active without
inadvertently activating devices in the system or caus-
ing bus contention. A second system design concern is
the timing of the release of global set/reset of the PLC
latches/FFs.
There are configuration options that control the relative
timing of three events: DONE going high, release of the
set/reset of internal FFs, and user I/Os becoming
active. Figure 51 shows the start-up timing for
ORCA
FPGAs. The system designer determines the relative
timing of the I/Os becoming active, DONE going high,
and the release of the set/reset of internal FFs. In the
ORCA Series FPGA, the three events can occur in any
arbitrary sequence. This means that they can occur
before or after each other, or they can occur simulta-
neously.
There are four main start-up modes: CCLK_NOSYNC,
CCLK_SYNC, UCLK_NOSYNC, and UCLK_SYNC.
The only difference between the modes starting with
CCLK and those starting with UCLK is that for the
UCLK modes, a user clock must be supplied to the
start-up logic. The timing of start-up events is then
based upon this user clock, rather than CCLK. The dif-
ference between the SYNC and NOSYNC modes is
that for SYNC mode, the timing of two of the start-up
events, release of the set/reset of internal FFs, and the
I/Os becoming active is triggered by the rise of the
external DONE pin followed by a variable number of ris-
ing clock edges (either CCLK or UCLK). For the
NOSYNC mode, the timing of these two events is
based only on either CCLK or UCLK.
DONE is an open-drain bidirectional pin that may
include an optional (enabled by default) pull-up resistor
to accommodate wired ANDing. The open-drain DONE
signals from multiple FPGAs can be tied together
(ANDed) with a pull-up (internal or external) and used
as an active-high ready signal, an active-low PROM
enable, or a reset to other portions of the system.
When used in SYNC mode, these ANDed DONE pins
can be used to synchronize the other two start-up
events, since they can all be synchronized to the same
external signal. This signal will not rise until all FPGAs
release their DONE pins, allowing the signal to be
pulled high.
The default for
ORCA is the CCLK_SYNC synchro-
nized start-up mode where DONE is released on the
first CCLK rising edge, C1 (see Figure 51). Since this is
a synchronized start-up mode, the open-drain DONE
signal can be held low externally to stop the occurrence
of the other two start-up events. Once the DONE pin
has been released and pulled up to a high level, the
other two start-up events can be programmed individu-
ally to either happen immediately or after up to four ris-
ing edges of CCLK (Di, Di + 1, Di + 2, Di + 3, Di + 4).
The default is for both events to happen immediately
after DONE is released and pulled high.
A commonly used design technique is to release
DONE one or more clock cycles before allowing the I/O
to become active. This allows other configuration
devices, such as PROMs, to be disconnected using the
DONE signal so that there is no bus contention when
the I/Os become active. In addition to controlling the
FPGA during start-up, other start-up techniques that
avoid contention include using isolation devices
between the FPGA and other circuits in the system,
reassigning I/O locations, and maintaining I/Os as 3-
stated outputs until contentions are resolved.
Each of these start-up options can be selected during
bit stream generation in
ORCA Foundry, using
Advanced Options. For more information, please see
the
ORCA Foundry documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com