Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR3C55-5BA352I Datasheet(PDF) 37 Page - Agere Systems

Part # OR3C55-5BA352I
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55-5BA352I Datasheet(HTML) 37 Page - Agere Systems

Back Button OR3C55-5BA352I Datasheet HTML 33Page - Agere Systems OR3C55-5BA352I Datasheet HTML 34Page - Agere Systems OR3C55-5BA352I Datasheet HTML 35Page - Agere Systems OR3C55-5BA352I Datasheet HTML 36Page - Agere Systems OR3C55-5BA352I Datasheet HTML 37Page - Agere Systems OR3C55-5BA352I Datasheet HTML 38Page - Agere Systems OR3C55-5BA352I Datasheet HTML 39Page - Agere Systems OR3C55-5BA352I Datasheet HTML 40Page - Agere Systems OR3C55-5BA352I Datasheet HTML 41Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 210 page
background image
Lucent Technologies Inc.
37
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Input/Output Cells
(continued)
5 V Tolerant I/O
The I/O on the OR3Txxx Series devices allow intercon-
nection to both 3.3 V and 5 V devices (selectable on a
per-pin basis).
The OR3Txxx devices will drive the pin to the 3.3 V lev-
els when the output buffer is enabled. If the other
device being driven by the OR3Txxx device has TTL-
compatible inputs, then the device will not dissipate
much input buffer power. This is because the OR3Txxx
output is being driven to a higher level than the TTL
level required. If the other device has a CMOS-compat-
ible input, the amount of input buffer power will also be
small. Both of these power values are dependent upon
the input buffer characteristics of the other device when
driven at the OR3Txxx output buffer voltage levels.
The OR3Txxx device has internal programmable pull-
ups on the I/O buffers. These pull-up voltages are
always referenced to VDD and are always sufficient to
pull the input buffer of the OR3Txxx device to a high
state. The pin on the OR3Txxx device will be at a level
1.0 V below VDD (minimum of 2.0 V with a minimum
VDD of 3.0 V). This voltage is sufficient to pull the exter-
nal pin up to a 3.3 V CMOS high input level (1.8 V, min)
or a TTL high input level (2.0 V, min) in a 5 V tolerant
system. Therefore, in a 5 V tolerant system using 5 V
CMOS parts, care must be taken to evaluate the use of
these pull-ups to pull the pin of the OR3Txxx device to
a typical 5 V CMOS high input level (2.2 V, min).
PCI Compliant I/O
The I/O on the OR3Txxx Series devices allows compli-
ance with PCI Local Bus (Rev. 2.2) 5 V and 3.3 V sig-
naling environments. The signaling environment used
for each input buffer can be selected on a per-pin basis.
The selection provides the appropriate I/O clamping
diodes for PCI compliance. Choosing an IBT input
buffer will provide PCI compliance in OR3Txxx devices.
OR3Cxx devices have PCI Local Bus compliant I/Os for
5 V signaling.
Table 9. PIO Options
Input
Option
Input Level
TTL, OR3Cxx only
CMOS, OR3Cxx or OR3Txxx
3.3 V PCI Compliant, OR3Txxx
5 V PCI Compliant, OR3Txxx
Input Speed
Fast, Delayed
Float Value
Pull-up, Pull-down, None
Register Mode
Latch, FF, Fast Zero Hold FF,
None (direct input)
Clock Sense
Inverted, Noninverted
Input Selection
Input 1, Input 2, Clock Input
Output
Option
Output Drive
Current
12 mA/6 mA or 6 mA/3 mA
Output Function
Normal, Fast Open Drain
Output Speed
Fast, Slewlim, Sinklim
Output Source
FF Direct-out, General Routing
Output Sense
Active-high, Active-low
3-State Sense
Active-high, Active-low (3-state)
FF Clocking
ExpressCLK
, System Clock
Clock Sense
Inverted, Noninverted
Logic Options
See Table 10.
I/O Controls
Option
Clock Enable
Active-high, Active-low,
Always Enabled
Set/Reset Level
Active-high, Active-low,
No Local Reset
Set/Reset Type
Synchronous, Asynchronous
Set/Reset Priority
CE over LSR, LSR over CE
GSR Control
Enable GSR, Disable GSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com