Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR3C55-5BA352I Datasheet(PDF) 19 Page - Agere Systems

Part # OR3C55-5BA352I
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55-5BA352I Datasheet(HTML) 19 Page - Agere Systems

Back Button OR3C55-5BA352I Datasheet HTML 15Page - Agere Systems OR3C55-5BA352I Datasheet HTML 16Page - Agere Systems OR3C55-5BA352I Datasheet HTML 17Page - Agere Systems OR3C55-5BA352I Datasheet HTML 18Page - Agere Systems OR3C55-5BA352I Datasheet HTML 19Page - Agere Systems OR3C55-5BA352I Datasheet HTML 20Page - Agere Systems OR3C55-5BA352I Datasheet HTML 21Page - Agere Systems OR3C55-5BA352I Datasheet HTML 22Page - Agere Systems OR3C55-5BA352I Datasheet HTML 23Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 210 page
background image
Lucent Technologies Inc.
19
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Logic Cells (continued)
Memory Mode
The Series 3 PFU can be used to implement a 32 x 4 (128-bit) synchronous, dual-port random access memory
(RAM). A block diagram of a PFU in memory mode is shown in Figure 9. This RAM can also be configured to work
as a single-port memory and because initial values can be loaded into the RAM during configuration, it can also be
used as a read-only memory (ROM).
Figure 9. Memory Mode
The PFU memory mode uses all LUTs and latches/FFs including the ninth FF in its implementation as shown in
Figure 9. The read address is input at the KZ[3:0] and F5[A:D] inputs where KZ[0] is the LSB and F5[A:D] is the
MSB, and the write address is input on CIN (MSB) and DIN[7, 5, 3, 1], with DIN[1] being the LSB. Write data is
input on DIN[6, 4, 2, 0], where DIN[6] is the MSB, and read data is available combinatorially on F[6, 4, 2, 0] and
registered on Q[6, 4, 2, 0] with F[6] and Q[6] being the MSB. The write enable signal is input at ASWE, and two
write port enables are input on CE and LSR. The PFU CLK signal is used to synchronously write the data. The
polarities of the clock, write enable, and port enables are all programmable. Write-port enables may be disabled if
they are not to be used.
5-5969(F)
Q6
Q4
Q2
Q0
D
5
Q
CIN(WA4)
KZ[3:0]
4
F5[A:D]
D Q
DIN7(WA3)
D Q
DIN5(WA2)
D Q
DIN3(WA1)
D Q
DIN1(WA0)
D Q
DIN6(WD3)
D Q
DIN4(WD2)
D Q
DIN2(WD1)
D Q
DIN0(WD0)
D Q
ASWE(WREN)
EN
S/R
CE(WPE1)
LSR(WPE2)
CLK
4
WRITE
WRITE
READ
READ
4
F6
F4
F2
F0
D Q
D Q
D Q
D Q
WRITE
RAM CLOCK
ADDRESS[4:0]
ADDRESS[4:0]
DATA[3:0]
DATA[3:0]
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com