Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR3C55-5BA352I Datasheet(PDF) 91 Page - Agere Systems

Part # OR3C55-5BA352I
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55-5BA352I Datasheet(HTML) 91 Page - Agere Systems

Back Button OR3C55-5BA352I Datasheet HTML 87Page - Agere Systems OR3C55-5BA352I Datasheet HTML 88Page - Agere Systems OR3C55-5BA352I Datasheet HTML 89Page - Agere Systems OR3C55-5BA352I Datasheet HTML 90Page - Agere Systems OR3C55-5BA352I Datasheet HTML 91Page - Agere Systems OR3C55-5BA352I Datasheet HTML 92Page - Agere Systems OR3C55-5BA352I Datasheet HTML 93Page - Agere Systems OR3C55-5BA352I Datasheet HTML 94Page - Agere Systems OR3C55-5BA352I Datasheet HTML 95Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 210 page
background image
Lucent Technologies Inc.
91
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Configuration Data Format (continued)
The length and number of data frames and information on the PROM size for the Series 3 FPGAs are given in
Table 33.
Table 33. Configuration Frame Size
Bit Stream Error Checking
There are three different types of bit stream error checking performed in the
ORCA Series 3 FPGAs:
ID frame, frame alignment, and CRC checking.
The ID data frame is sent to a dedicated location in the FPGA. This ID frame contains a unique code for the device
for which it was generated. This device code is compared to the internal code of the FPGA. Any differences are
flagged as an ID error. This frame is automatically created by the bit stream generation program in
ORCA Foundry.
Each data and address frame in the FPGA begins with a frame start pair of bits and ends with eight stop bits set to
1. If any of the previous stop bits were a 0 when a frame start pair is encountered, it is flagged as a frame align-
ment error.
Error checking is also done on the FPGA for each frame by means of a checksum byte. If an error is found on eval-
uation of the checksum byte, then a checksum/parity error is flagged. The checksum is the XOR of all the data
bytes, from the start of frame up to and including the bytes before the checksum. It applies to the ID, address, and
data frames.
When any of the three possible errors occur, the FPGA is forced into an idle state, forcing INIT low. The FPGA will
remain in this state until either the RESET or PRGM pins are asserted.
If using either of the MPI modes to configure the FPGA, the specific type of bit stream error is written to one of the
MPI
registers by the FPGA configuration logic. The PGRM bit of the MPI control register can also be used to reset
out of the error condition and restart configuration.
Devices
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
# of Frames
856
984
1240
1496
1880
Data Bits/Frame
202
232
292
352
442
Configuration Data (# of frames x # of data
bits/frame)
172,912
228,288
362,080
526,592
830,960
Maximum Total # Bits/Frame (align bits, 01
frame start, 8-bit checksum, 8 stop bits)
224
256
312
376
464
Maximum Configuration Data (# bits/frame
x # of frames)
191,744
251,904
386,880
562,496
872,320
Maximum PROM Size (bits)
(add configuration header and postamble)
191,912
252,072
387,048
562,664
872,488



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com