Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA0ES Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MPF7100BVBA0ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA0ES Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MPF7100BVBA0ES Datasheet HTML 20Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 21Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 22Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 23Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 24Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 25Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 26Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 27Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
24 / 125
The following figure shows startup timing with LPM_OFF = 0.
aaa-028053
treg2reset
LP_OFF State
tfirst
tpwrup_lpm
Self-Test
RESETBMCU
Regulator Outputs
Fuse load done
(internal signal)
STEST done
(internal signal)
PWRON
VSNVS1
V1P5D
UVDET
VIN
Fuse
Load
tfuseLoad
1.6 V
tvin_rise
VSNVS2
Final VSNVS2 Regulation
Final VSNVS1 Regulation
tvsnvs2_delay
Figure 8. Startup with PWRON driven high externally and bit LPM_OFF = 0
Table 17. Startup with PWRON driven high externally and LPM_OFF = 0
Symbol
Parameter
Min
Typ
Max
Unit
tvin_rise
Rise time of VIN from VPWR application to
UVDET (system dependent)
10
—
1500
µs
tfuseload
Time from VIN crossing UVDET to Fuse_Load_
done (fuse loaded correctly)
—
—
600
µs
tpwrup_lpm
Time from PWRON going high to the STEST_
done (self-test performed and passed)
—
—
700
µs
tvsnvs2_delay
Time delay from fuse load to VSNVS2 start up
—
2
—
ms
tfirst
Time from STEST_done to first slot of power up
sequence
—
—
100
µs
treg2reset
Time from first regulator enabled to
RESETBMCU asserted to guarantee 5.0 ms
PMIC boot up
[1] —
—
1.5
ms
[1]
External regulators power up sequence time (treg2reset) is programmed by OTP and may be longer than 1.5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com