Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA0ES Datasheet(PDF) 69 Page - NXP Semiconductors

Part # MPF7100BVBA0ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA0ES Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MPF7100BVBA0ES Datasheet HTML 65Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 66Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 67Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 68Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 69Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 70Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 71Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 72Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
69 / 125
Set point
VSW5[4:0]
VSW5FB (V)
13
0 1101
2.25
14
0 1110
2.30
15
0 1111
2.40
16
1 0000
2.50
17
1 0001
2.80
18
1 0010
3.15
19
1 0011
3.20
20
1 0100
3.25
21
1 0101
3.30
22
1 0110
3.35
23
1 0111
3.40
24
1 1000
3.50
25
1 1001
3.80
26
1 1010
4.00
27
1 1011
4.10
28
1 1100
4.10
29
1 1101
4.10
30
1 1110
4.10
31
1 1111
4.10
Regulator SW5 is provided with 2 bits to set its mode of operation.
• The SW5_RUN_MODE[1:0] bits allow the user to change the mode of operation of the
SW5 regulators during the run state. If the regulator was programmed as part of the
power up sequence, the SW5_RUN_MODE[1:0] bits are loaded with 0b11 (autoskip)
by default. Otherwise, it is loaded with 0b00 (disabled).
• The SW5_STBY_MODE[1:0] bits allow the user to change the mode of operation of
the SW5 regulators during the standby state. If the regulator was programmed as part
of the power up sequence, the SW5_STBY_MODE[1:0] bits are loaded with 0b11
(autoskip) by default. Otherwise, it is loaded with 0b00 (disabled).
Table 53. SW5 regulator mode configuration
SW5_MODE[1:0]
Mode of operation
00
OFF
01
PWM mode
10
PFM mode
11
Autoskip mode
The SW5_MODE_I interrupt asserts the INTB pin when the SW5 regulator has changed
the mode of operation, provided the corresponding interrupt is not masked.
When device toggles from run to standby mode, the SW5 output voltage remains
the same, unless the regulator is enabled/disabled by the corresponding
SW5_RUN_MODE[1:0] or SW5_STBY_MODE[1:0] bits.
The SW5ILIM [1:0] bits are used to program the current limit detection level of SW5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com