Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA0ES Datasheet(PDF) 31 Page - NXP Semiconductors

Part # MPF7100BVBA0ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA0ES Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MPF7100BVBA0ES Datasheet HTML 27Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 29Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 30Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 31Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 32Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 33Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 34Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
31 / 125
aaa-028056
120 µs
GRP3_DLY
120 µs
GRP2_DLY
120 µs
GRP1_DLY
10 µs
PWRON
PDWN_GRP1
GPR1_DLY = 120 µs
SW1
LDO1
RESETBMCU_DLY = 10 µS
PDWN_GRP2
GPR2_DLY = 120 µs
SW2
SW3
SW4
PDWN_GRP3
GPR3_DLY = 120 µs
LDO2
NA
PDWN_GRP4
LDO2
SW2
SW3
SW4
RESETBMCU
SW1
LDO1
Figure 11. Group power down sequence example
14.6.2.3 Power down delay
After a power down sequence is started, the PWRON pin is masked until the sequence is
finished and the programmable power down delay is reached, the device can then power
up again if a power up event is present. The power down delay time can be programed
on OTP via the OTP_PD_SEQ_DLY[1:0] bits.
Table 23. Power down delay selection
OTP_PD_SEQ_DLY[1:0]
Delay after power down sequence
00
No delay
01
1.5 ms
10
5.0 ms
11
10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com