Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA0ES Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MPF7100BVBA0ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA0ES Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MPF7100BVBA0ES Datasheet HTML 25Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 26Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 27Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 29Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 30Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 31Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 32Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
29 / 125
14.6.2.1 Sequential power down
When the device is set to the sequential power down, it uses the same _SEQ[7:0]
registers as the power up sequence to power down in reverse order.
All regulators with the _SEQ[7:0] bits set to 0x00, power down immediately and the
remaining regulators power down one OTP_SEQ_TBASE[1:0] delay after, in reverse
order as defined in the _SEQ[7:0] bits.
If PGOOD pin is used as a GPO, it is de-asserted as part of the power down sequence
as indicated by the PGOOD_SEQ[7:0] bits.
If the MCU requires a different power down sequence, it can change the values of the
SEQ_TBASE[1:0] and the _SEQ[7:0] bits during the system-on states.
When the state machine passes through any of the OFF modes, the contents of the
SEQ_TBASE[1:0] and _SEQ[7:0] bits are reloaded with the corresponding mirror register
(OTP) values before it starts the next power up sequence.
14.6.2.2 Group power down
When the device is configured to power down in groups, the regulators are assigned to a
specific power down group. All regulators assigned to the same group are disabled at the
same time when the corresponding group is due to be disabled.
Power down groups shut down in decreasing order starting from the lowest hierarchy
group with a regulator shutting down (for instance, Group 4 being the lowest hierarchy
and Group 1 the highest hierarchy group). If no regulators are set to the lowest hierarchy
group, the power down sequence timer starts off the next available group that contains a
regulator to power down.
Each regulator has its own _PDGRP[1:0] bits to set the power down group it belongs to
as shown in Table 20.
Table 20. Power down regulator group bits
OTP_SWx_PDGRP[1:0]
OTP_LDOx_PDGRP[1:0]
OTP_PGOOD_PDGRP[1:0]
OTP_RESETBMCU_PDGRP[1:0]
SWx_PDGRP[1:0]
LDOx_PDGRP[1:0]
PGOOD_PDGRP[1:0]
RESETBMCU_PDGRP[1:0]
Description
00
00
Regulator belongs to Group 4
01
01
Regulator belongs to Group 3
10
10
Regulator belongs to Group 2
11
11
Regulator belongs to Group 1
If PGOOD pin is used as a GPO, the PGOOD_PDGRP[1:0] is used to turn off the
PGOOD pin in a specific group during the power down sequence. If PGOOD pin is used
in power good mode, it is recommended that the OTP_PGOOD_PDGRP bits are set to
11 to ensure that the group power down sequencer does not detect these bits as part of
Group 4.
Each one of power down groups have programmable time delay registers to set the time
delay after the regulators in this group have been turned off, and the next group can start
to power down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com