Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF5373CAB180 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 15Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 16Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 17Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 18Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 19Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 20Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 21Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 22Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Electrical Characteristics
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
19
Figure 6. General Input Timing Requirements
5.6.1
FlexBus
A multi-function external bus interface called FlexBus is provided with basic functionality to interface to slave-only devices up
to a maximum bus frequency of 80MHz. It can be directly connected to asynchronous or synchronous devices such as external
boot ROMs, flash memories, gate-array logic, or other simple target (slave) devices with little or no additional circuitry. For
asynchronous devices a simple chip-select based interface can be used. The FlexBus interface has six general purpose
chip-selects (FB_CS[5:0]) which can be configured to be distributed between the FlexBus or SDRAM memory interfaces.
Chip-select, FB_CS0 can be dedicated to boot ROM access and can be programmed to be byte (8 bits), word (16 bits), or
longword (32 bits) wide. Control signal timing is compatible with common ROM/flash memories.
5.6.1.1
FlexBus AC Timing Characteristics
The following timing numbers indicate when data is latched or driven onto the external bus, relative to the system clock.
Table 9. FlexBus AC Timing Specifications
Num
Characteristic
Symbol
Min
Max
Unit
—
Frequency of Operation
fsys/3
—80
Mhz
FB1
Clock Period (FB_CLK)
tFBCK (tcyc)
12.5
—
ns
FB2
Address, Data, and Control Output Valid (A[23:0], D[31:0],
FB_CS[5:0], R/W, TS, BE/BWE[3:0] and OE)1
tFBCHDCV
—7.0
ns
FB3
Address, Data, and Control Output Hold (A[23:0], D[31:0],
FB_CS[5:0], R/W, TS, BE/BWE[3:0], and OE)1, 2
tFBCHDCI
1—
ns
Invalid
Invalid
FB_CLK (80MHz)
TSETUP
THOLD
Input Setup And Hold
1.5V
trise
Vh = VIH
Vl = VIL
1.5V
1.5V Valid
tfall
Vh = VIH
Vl = VIL
Input Rise Time
Input Fall Time
* The timings are also valid for inputs sampled on the negative clock edge.
Inputs
FB_CLK
B4
B5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com