Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF5373CAB180 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 32Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 33Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 34Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 35Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 36Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 37Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 38Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 39Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Current Consumption
Freescale Semiconductor
36
5.17
Debug AC Timing Specifications
Table 25 lists specifications for the debug AC timing parameters shown in Figure 27.
Figure 27. Real-Time Trace AC Timing
Figure 28. BDM Serial Port AC Timing
6
Current Consumption
All current consumption data is lab data measured on a single device using an evaluation board. Table 26 shows the typical
power consumption in low-power modes. These current measurements are taken after executing a STOP instruction.
Table 25. Debug AC Timing Specification
Num
Characteristic
Min
Max
Units
D0
PSTCLK cycle time
2
2
tSYS = 1/fSYS
D1
PSTCLK rising to PSTDDATA valid
—
3.0
ns
D2
PSTCLK rising to PSTDDATA invalid
1.5
—
ns
D3
DSI-to-DSCLK setup
1
—
PSTCLK
D41
1 DSCLK and DSI are synchronized internally. D4 is measured from the synchronized
DSCLK input relative to the rising edge of PSTCLK.
DSCLK-to-DSO hold
4
—
PSTCLK
D5
DSCLK cycle time
5
—
PSTCLK
D6
BKPT assertion time
1
—
PSTCLK
PSTCLK
PSTDDATA[7:0]
D0
D1
D2
Past
Current
DSCLK
DSI
DSO
Next
Current
D5
D3
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com