Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF5373CAB180 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 16Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 17Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 18Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 19Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 20Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 21Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 22Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 23Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
20
NOTE
The processor drives the data lines during the first clock cycle of the transfer
with the full 32-bit address. This may be ignored by standard connected
devices using non-multiplexed address and data buses. However, some
applications may find this feature beneficial.
The address and data busses are muxed between the FlexBus and SDRAM
controller. At the end of the read and write bus cycles the address signals are
indeterminate.
Figure 7. FlexBus Read Timing
FB4
Data Input Setup
tDVFBCH
3.5
—
ns
FB5
Data Input Hold
tDIFBCH
0—
ns
FB6
Transfer Acknowledge (TA) Input Setup
tCVFBCH
4—
ns
FB7
Transfer Acknowledge (TA) Input Hold
tCIFBCH
0—
ns
1 Timing for chip selects only applies to the FB_CS[5:0] signals. Please see Section 5.7.2, “DDR SDRAM AC
Timing Characteristics” for SD_CS[3:0] timing.
2 The FlexBus supports programming an extension of the address hold. Please consult the Reference Manual
for more information.
Table 9. FlexBus AC Timing Specifications (continued)
Num
Characteristic
Symbol
Min
Max
Unit
FB_CLK
FB_R/W
S0
S1
S2
S3
FB_TS
FB_A[23:0]
FB_D[31:X]
FB_CSn, FB_OE,
FB_BE/BWEn
FB_TA
DATA
ADDR[31:X]
ADDR[23:0]
FB3
FB1
FB2
FB5
FB4
FB7
FB6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com