Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADFS5758SDZ Datasheet(PDF) 44 Page - Analog Devices

Part # EVAL-ADFS5758SDZ
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADFS5758SDZ Datasheet(HTML) 44 Page - Analog Devices

Back Button EVAL-ADFS5758SDZ Datasheet HTML 40Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 41Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 42Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 43Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 44Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 45Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 46Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 47Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 44 of 75
Table 18. FAULT Pin Trigger Sources
Fault Type
Mapped to
FAULT Pin
Mask
Ability
Digital Diagnostic Faults
Oscillator Stop Detect
Yes
Yes
Calibration Memory Not Refreshed
No
N/A1
Reset Detected
No
N/A1
3-Wire Interface Error
Yes
No
WDT Late Error
Yes
Yes
WDT Early Error
Yes
Yes
Background CRC Error
Yes
No
DAC Latch Monitor Error
Yes
Yes
Dual Calculation Error
Yes
Yes
Inverse DAC Check Error
Yes
Yes
Calibration Memory CRC Error
Yes
No
Invalid SPI Access
Yes
Yes
Write Attempted on Locked
Configuration Register Space
Yes
Yes
SCLK Count Error
Yes
No2
Slip Bit Error
Yes
Yes
SPI CRC Error
Yes
Yes
Analog Diagnostic Faults
VIOUT Overvoltage Error
Yes
Yes
DC-to-DC Short Circuit Error
Yes
Yes
DC-to-DC Power Error
Yes
No
VLDO Capacitor Detection
No
N/A1
Current Output Open Circuit Error
Yes
Yes
Voltage Output Short-Circuit Error
Yes
Yes
DC-to-DC Die Temperature Error
Yes
Yes
Main Die Temperature Error
Yes
Yes
REFOUT Comparator Error
Yes
No
REFIN Comparator Error
Yes
No
INT_AVCC Comparator Error
Yes
No
VLDO Comparator Error
Yes
No
1
N/A means not applicable.
2
Although the SCLK count error cannot be masked in the FAULT_PIN_CONFIG
register, it can be excluded from the FAULT pin by enabling the SPI_DIAG_
QUIET_EN bit (Bit 3 in the GP_CONFIG1 register).
The DIG_DIAG_STATUS, ANA_DIAG_STATUS, and WDT_
STATUS bits of the status register are used in conjunction with
the FAULT pin and the FAULT_PIN_STATUS bit to inform
the user which one of the fault conditions caused the FAULT
pin or FAULT_PIN_STATUS bit to be activated.
ADC MONITORING
The ADFS5758 incorporates a 12-bit ADC to provide diagnostic
information on user-selectable inputs such as supplies, grounds,
internal die temperatures, references, and external signals (via
the ADC1 pin). A full list of the selectable inputs are available
in Table 19. The reference used for the ADC is derived from
REFOUT. This provides a means of having independence from
the DAC reference (REFIN) if necessary. The ADC_CONFIG
register configures the mode of operation of the ADC (user
initiated individual conversions or sequence mode) as well as
selection of the multiplexed ADC input channel via the
ADC_IP_SELECT bits (see Table 43).
ADC Transfer Function Equations
The ADC has an input range of 0 V to 2.5 V and can be used to
digitize a variety of different nodes. The set of inputs to the
ADC encompasses both unipolar and bipolar ranges, varying
from high to low voltage values. Therefore, to be able to digitize
them, the voltage ranges outside of the 0 V to 2.5 V ADC input
range must be divided down. The ADC transfer function
equation is dependent on the selected ADC input node (see
Table 19
for a summary of all transfer function equations).
ADC1 Pin Input
Figure 85 shows the ADC1 pin can be used to monitor the IOUT
return current from the output load. If a 20 Ω external sense
resistor is used, an IOUT programmed current of 24 mA becomes
480 mV across RSENSE.
ADFS5758
VIOUT
AGND
RSENSE
RLOAD
ADC1
I OUT
Figure 85. IOUT Monitoring via ADC1 Pin
Summary of ADC Input Nodes
Table 19
is a summary of all possible nodes that can be digitized
by the ADC and the corresponding transfer function equations.
Recommended RSENSE
Analog Devices recommends a low drift, high accuracy resistor.
The RSENSE performance depends on the absolute value and
temperature coefficient of the resistor used. The resistor
specifications, therefore, directly affect the overall ADC
error budget.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com