Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADFS5758SDZ Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADFS5758SDZ
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADFS5758SDZ Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADFS5758SDZ Datasheet HTML 1Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 2Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 3Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 4Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 5Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 6Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 7Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 8Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
Single-Channel, 16-Bit, Current/Voltage Output DAC,
Functional Safety Approved for Unipolar Current Output
Data Sheet
ADFS5758
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Functional safety approved to SIL 2/SC3 for unipolar current
output by TÜV Rheinland, File Number 968/FSP
2055.00/20
Current/voltage output available on a single terminal
Current output ranges: 0 mA to 20 mA, 4 mA to 20 mA,
0 mA to 24 mA, ±20 mA, ±24 mA, −1 mA to +22 mA
Voltage output ranges (with 20% overrange): 0 V to 5 V,
0 V to 10 V, ±5 V, and ±10 V
Advanced on-chip diagnostics
12-bit ADC functioning as an independent monitoring
function that can validate the output and accuracy.
On-chip reference
DPC for thermal management
User-programmable offset and gain
Robust architecture, including output fault protection
EMC test standards
IEC 61000-4-6 conducted immunity (10 V, Class A)
IEC 61000-4-3 radiated immunity (20 V/m, Class A)
IEC 61000-4-2 ESD (±6 kV contact, Class B)
IEC 61000-4-4 electrical fast transient (EFT) (±4 kV, Class B)
IEC 61000-4-5 surge (±4 kV, Class B)
CISRP 11 radiated emissions (Class B)
32-lead, 5 mm × 5 mm LFCSP
−40°C to +105°C temperature range
APPLICATIONS
Process control
Actuator control
Channel isolated analog outputs
Programmable logic controller (PLC) and distributed control
system (DCS) applications
HART network connectivity
GENERAL DESCRIPTION
The ADFS5758 is a single-channel, 16-bit, current/voltage output
DAC. The device is functional safety approved for unipolar current
output and is a fully compliant item with a systematic capability of
SC3, which can be used in safety-related applications up to SIL 2,
according to IEC 61508. This arrangement allows a single
ADFS5758 to be used to achieve SIL 2 for a nonredundant
configuration. The safe state for the ADFS5758 is open circuit/high
impedance.
The ADFS5758 is a single-channel, voltage and current output
digital-to-analog converter (DAC) that operates with a power
supply range from −33 V minimum on AVSS to +33 V maximum
on AVDD1 with a maximum operating voltage between the two rails
of 60 V. On-chip dynamic power control (DPC) minimizes
package power dissipation, which is achieved by regulating the
supply voltage (VDPC+) to the VIOUT output driver circuitry from
4.95 V to 27 V using a buck dc-to-dc converter, optimized for
minimum on-chip power dissipation. The CHART pin enables a
HART® signal to be coupled onto the current output.
The device uses a versatile 4-wire serial peripheral interface (SPI)
that operates at clock rates of up to 50 MHz and is compatible with
standard SPI, QSPI™, MICROWIRE™, DSP, and microcontroller
interface standards. The interface also features an optional SPI
cyclic redundancy check (CRC) and a windowed watchdog timer.
The ADFS5758 offers improved diagnostic features from its
predecessors, such as an integrated independent 12-bit diagnostic
analog-to-digital converter (ADC) that can be used to digitize both
internal and external nodes.
PRODUCT HIGHLIGHTS
1. Functional safety approved to SIL 2/SC3 by TÜV Rheinland.
2. Range of advanced diagnostic features, including an
integrated ADC for high reliability.
3. DPC using an integrated buck dc-to-dc converter for thermal
management. When used with the ADP1031, the ADFS5758
enables eight channel to channel isolated outputs at <2 W
dissipated power.
4. Programmable power control (PPC) mode to enable faster
settling time (15 µs typical).
5. Highly robust with output protection from miswire events
(±38 V).
COMPANION PRODUCTS
Product Family: AD5755-1, AD5422, AD5758, AD5753, AD5423
HART Modem: AD5700, AD5700-1
External References: ADR431, ADR3425, ADR4525
Digital Isolators: ADuM142D, ADuM141D
Power: ADP1031, LT8300, ADP2360, ADM6339


Similar Part No. - EVAL-ADFS5758SDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4007EBZ1 AD-EVAL-ADF4007EBZ1 Datasheet
287Kb / 17P
High Frequency Divider/PLL Synthesizer
Rev. B
EVAL-ADF4108EB1 AD-EVAL-ADF4108EB1 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
EVAL-ADF4112EB1 AD-EVAL-ADF4112EB1 Datasheet
176Kb / 6P
CDMA Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4113EB1 AD-EVAL-ADF4113EB1 Datasheet
177Kb / 6P
GSM900 Evaluation Board For PLL Frequency Synthesizer
More results

Similar Description - EVAL-ADFS5758SDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC16 AD-DAC16 Datasheet
190Kb / 12P
16-Bit High Speed Current-Output DAC
REV.B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
Current Output/ Serial Input, 16-/14-Bit DAC
2/03-Data Sheet changed from REV. 0 to REV. A.
AD5422 AD-AD5422 Datasheet
326Kb / 37P
Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5412 AD-AD5412 Datasheet
334Kb / 38P
Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD7846 AD-AD7846 Datasheet
616Kb / 16P
16-Bit Voltage Output DAC
REV. E
logo
Maxim Integrated Produc...
MAX5661 MAXIM-MAX5661 Datasheet
4Mb / 40P
Single 16-Bit DAC with Current and Voltage Outputs for Industrial Analog Output Modules
Rev 1; 5/09
logo
Analog Devices
DAC16 AD-DAC16_15 Datasheet
629Kb / 12P
16-Bit High Speed Current-Output DAC
REV. B
AD5758 AD-AD5758 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage Output DAC
5/2018-Revision 0
AD5753 AD-AD5753 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage DAC
5/2019-Revision 0
AD5770R AD-AD5770R Datasheet
2Mb / 59P
6-Channel, 14-Bit, Current Output DAC
2/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com