Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADFS5758SDZ Datasheet(PDF) 52 Page - Analog Devices

Part # EVAL-ADFS5758SDZ
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADFS5758SDZ Datasheet(HTML) 52 Page - Analog Devices

Back Button EVAL-ADFS5758SDZ Datasheet HTML 48Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 49Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 50Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 51Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 52Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 53Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 54Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 55Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 52 of 75
Autostatus Readback Mode
If autostatus readback mode is selected, the contents of the
status register is available on the SDO line during every SPI
transaction. When reading back the status register, the SDO
contents differ from the format shown in Table 24. The
contents of the status register is shown in Table 26. The
autostatus readback mode can be used in conjunction with the
ADC sequencer to consecutively monitor up to eight different
ADC inputs. See the ADC Monitoring section for further
details on the ADC sequencer.
Table 26. SDO Contents for a Read Operation in the Status Register
MSB
LSB
D23 D22 D21
D20
D19
D18
D17
D16 to D12
D11 to D0
1
0
FAULT_PIN_STATUS
DIG_DIAG_STATUS
ANA_DIAG_STATUS
WDT_STATUS
ADC_BUSY
ADC_CH[4:0]
ADC_DATA[11:0]
SYNC
ASSUME AUTOSTATUS
READBACK IS ALREADY
ENABLED
SDI
CONTENTS OF STATUS
REGISTER CLOCKED OUT
SDO
SCLK
24/
32
1
24/
32
1
24/
32
1
CONTENTS OF STATUS
REGISTER CLOCKED OUT
CONTENTS OF STATUS
REGISTER CLOCKED OUT
ANY WRITE COMMAND
ANY WRITE COMMAND
ANY WRITE COMMAND
Figure 90. Autostatus Readback Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com