Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADFS5758SDZ Datasheet(PDF) 67 Page - Analog Devices

Part # EVAL-ADFS5758SDZ
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADFS5758SDZ Datasheet(HTML) 67 Page - Analog Devices

Back Button EVAL-ADFS5758SDZ Datasheet HTML 63Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 64Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 65Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 66Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 67Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 68Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 69Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 70Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 67 of 75
Bits
Bit Name
Description
Reset
Access
[4:0]
ADC_IP_SELECT
Select which node to multiplex to the ADC. All unlisted 5-bit codes are reserved
and returns an ADC result of zero.
0x0
R/W
00000: main die temperature.
00001: dc-to-dc die temperature.
00010: reserved (do not select this option).
00011: REFIN. Note that INT_EN bit in the DAC_CONFIG register must be set for the
REFIN buffer to be powered up and this node to be available to the ADC.
00100: REF2; internal 1.23 V reference voltage.
00101: reserved (do not select this option).
00110: reserved (do not select this option).
01100: ADC2 pin input.
01101: voltage on +VSENSE buffer output.
01110: voltage on −VSENSE buffer output
01111: ADC1 pin input (0 V to 1.25 V input range).
10000: ADC1 pin input (0 V to 0.5 V input range).
10001: ADC1 pin input (0 V to 2.5 V input range).
10010: ADC1 pin input (±0.5 V input range).
10011: reserved (do not select this option).
10100: INT_AVCC.
10101: VLDO.
10110: VLOGIC.
11000: REFGND.
11001: AGND.
11010: DGND.
11011: VDPC+.
11100: AVDD2.
11101: AVSS.
11110: dc-to-dc die node, configured in DCDC_CONFIG2 register.
11111: REFOUT.
FAULT Pin Configuration Register
Address: 0x12, Reset: 0x120000, Name: FAULT_PIN_CONFIG
This register is used to mask particular fault bits from the FAULT pin, if so desired.
Table 44. Bit Descriptions for FAULT_PIN_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
15
INVALID_SPI_ACCESS_ERR
If this bit is set, do not map the INVALID_SPI_ACCESS_ERR fault flag to the
FAULT pin.
0x0
R/W
14
VIOUT_OV_ERR
If this bit is set, do not map the VIOUT_OV_ERR fault flag to the FAULT pin.
0x0
R/W
13
CFG_LOCK_CHECK_ERR
If this bit is set, do not map the CFG_LOCK_CHECK_ERR flag to the FAULT pin.
0x0
R/W
12
INVERSE_DAC_CHECK_ERR
If this bit is set, do not map the INVERSE_DAC_CHECK_ERR flag to the FAULT pin.
0x0
R/W
11
DUAL_CAL_ERR
If this bit is set, do not map the DUAL_CAL_ERR flag to the FAULT pin.
0x0
R/W
10
OSCILLATOR_STOP_DETECT
If this bit is set, do not map the clock stop error to the FAULT pin.
0x0
R/W
9
DAC_LATCH_MON_ERR
If this bit is set, do not map the DAC_LATCH_MON_ERR fault flag to the FAULT pin.
0x0
R/W
8
WDT_ERR
If this bit is set, do not map the WDT_ERR flag to the FAULT pin.
0x0
R/W
7
SLIPBIT_ERR
If this bit is set, do not map the SLIPBIT_ERR error flag to the FAULT pin.
0x0
R/W
6
SPI_CRC_ERR
If this bit is set, do not map the SPI_CRC_ERR error flag to the pin.
0x0
R/W
5
Reserved
Reserved.
0x0
R/W
4
DCDC_P_SC_ERR
If this bit is set, do not map the positive rail dc-to-dc short circuit error flag to the
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com