Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADFS5758SDZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADFS5758SDZ
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADFS5758SDZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADFS5758SDZ Datasheet HTML 3Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 4Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 5Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 6Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 7Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 8Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 9Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 10Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 7 of 75
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUT/OUTPUT
Reference Input
Reference Input Voltage4
2.5
V
For specified performance
DC Input Impedance
55
120
MΩ
Reference Output
Output Voltage
2.495
2.5
2.505
V
TA = 25°C (including drift after 1000 hours at
TJ = 135°C)
Reference TC3
−10
+10
ppm/°C
Output Noise (0.1 Hz to
10 Hz)3
7
µV p-p
Noise Spectral Density3
80
nV/√Hz
At 10 kHz
Capacitive Load3
1000
nF
Load Current
3
mA
Short-Circuit Current
5
mA
Line Regulation
1
ppm/V
Load Regulation
80
ppm/mA
Thermal Hysteresis3
150
ppm
VLDO OUTPUT
Output Voltage
3.3
V
Output Voltage TC3
25
ppm/°C
Output Voltage Accuracy
−2
+2
%
Externally Available Current
30
mA
Short-Circuit Current
55
mA
Load Regulation
0.8
mV/mA
Capacitive Load
0.1
µF
Recommended operation
DC-TO-DC
Start-Up Time
1.25
ms
Switch
Peak Current Limit3
150
400
mA
User programmable in 50 mA steps via the
DCDC_CONFIG2 register
Oscillator
Oscillator Frequency (fSW)
500
kHz
Minimum Duty Cycle
5
%
Current Output DPC Mode
Current output dynamic power control mode
VDPC+ Voltage Range
4.95
27
V
Assuming sufficient supply margin between
AVDD1 and VDPC+; see the Power Dissipation
Control section for further details; maximum
operating range of |VDPC+ to AVSS| = 50 V
VDPC+ Headroom
2.3
2.5
V
Typical voltage headroom between VIOUT and
VDPC+; only applicable when dc-to-dc converter
is in regulation (that is, load is sufficiently high)
Current Output PPC Mode
PPC mode
VDPC+ Voltage Range
5
25.677
V
Assuming sufficient supply margin between
AVDD1 and VDPC+; see the Power Dissipation
Control section for further details; maximum
operating range of |VDPC+ to AVSS| = 50 V
VDPC+ Voltage Accuracy
−500
+500
mV
Only applicable when dc-to-dc is operating in
regulation (that is, load is sufficiently high)
Voltage Output DPC Mode
Voltage output dynamic power control mode
VDPC+ Voltage Range
5
15
25
V
5 V = −VSENSE(MIN) + 15 V; 25 V = −VSENSE(MAX) + 15 V;
assuming sufficient supply margin between AVDD1
and VDPC+; see the Power Dissipation Control
section for further details; maximum operating
range of |VDPC+ to AVSS| = 50 V
VDPC+ Voltage Accuracy
−500
+500
mV
Only applicable when dc-to-dc is operating in
regulation (that is, load sufficiently high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com