Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADFS5758SDZ Datasheet(PDF) 74 Page - Analog Devices

Part # EVAL-ADFS5758SDZ
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADFS5758SDZ Datasheet(HTML) 74 Page - Analog Devices

Back Button EVAL-ADFS5758SDZ Datasheet HTML 67Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 68Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 69Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 70Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 71Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 72Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 73Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 74Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 75Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 74 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 74 of 75
Tx1
VINP
PGNDP
SW2
FB1
VOUT1
VOUT2
SYNC
SW3
FB3
PGNDP
VINP
SLEW
PWRGD
SWP
L1
100µH
VOUT3
CIN
4.7µF
CFLYBK
4.7µF
CBUCK
4.7µF
CINV
GNDP
MGND
SGND1
SGND2
MVDD
MSS
MCK
MO
MI
MGPO3
SSS
SCK
SI
SO
SGPI3
MGPI2
MGPI1
SGPO2
SGPO1
MGND
PGOOD
VBAT
CS
CLK
MOSI
MISO
FAULT
LDAC
RESET
GND
SVDD1
EN
SVDD2
L2
100µH
D1
1:1
RFT1
RFB1
C3
100nF
C4
100nF
RFB3
RFT3
R5
R6
ADP1031
SGND2
MVDD
C2
100nF
MGND
MVDD
R3
REFIN
SDI
SDO
SCLK
ADFS5758
CHART
VIOUT
SYNC
AVDD2
AVDD1 SW+
AVSS
FAULT
HART SIGNAL
VLDO
VLOGIC
47µH
2.2µF
PGND
REFOUT
AD1 AD0
DGND
13.7kΩ
RA
RB
100nF
VDPC+
+VSENSE
–VSENSE
DGND
AGND
AGND
AGND
RSENSE
20Ω
RLOAD
1kΩ
1kΩ
20Ω
10Ω
ADC1
LDAC
CLKOUT
RESET
CCOMP
ADC2
100nF
100nF
10kΩ
10kΩ
100kΩ
100nF
+24V
+5.15V
–12V
4.7µF
100kΩ
1µF
Figure 94. Example Module Containing the ADP1031 and the ADFS5758



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com