Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADFS5758SDZ Datasheet(PDF) 47 Page - Analog Devices

Part # EVAL-ADFS5758SDZ
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADFS5758SDZ Datasheet(HTML) 47 Page - Analog Devices

Back Button EVAL-ADFS5758SDZ Datasheet HTML 43Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 44Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 45Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 46Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 47Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 48Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 49Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 50Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 47 of 75
Key Sequencing (Command 010)
Writing Command 010 enables key sequencing mode. Sequencing
starts with a write to the key register with Key Code 0x1ADC,
starting on Channel 0 and continuing to Channel N − 1, where N
is the depth, with each 0x1ADC command. This mode enables
user control of the switching of channels during sequencing
because the switch occurs only for each specific key code
command, rather than for each valid SPI frame, as in the case of
automatic sequencing mode. When the sequence is completed, it
starts again with Channel 0 until disabled. Command 000 and
Command 001 must be used to configure all the required
channels before Command 0b010 is issued to enable key
sequencing mode (see Figure 87). If the sequencing is disabled
and later reenabled, the sequencer is reset to recommence
converting on the first channel in the sequence.
Automatic Sequencing (Command 011)
Sequencing starts on the next valid SPI frame, starting with
Channel 0 and continuing to Channel N − 1, where N is the
depth, on each valid SPI frame. When the sequence is complete, it
starts again with Channel 0 until disabled. As with the key
sequencing mode, Command 000 and Command 001 must be
used to configure all the required channels before Command 011
is issued to enable automatic sequencing mode (see Figure 87).
If the sequencing is disabled and later reenabled, the sequencer
is reset to recommence converting on the first channel in the
sequence. When reenabled, the channels do not need to be
reconfigured, unless the desired list of nodes changes.
Single Immediate Conversion (Command 100)
This mode initiates a single conversion on the node currently
selected in the ADC input select bits of the ADC_CONFIG
register. Selecting this command stops any active automatic
sequence, meaning that it must be reenabled if required. The
sequencer does not need to be reconfigured because the
configuration of sequencer depth and channels is stored.
Single Key Conversion (Command 101)
This mode is used to set up an individual ADC input node to be
converted at some future time, initiated by writing the 0x1ADC
key code to the key register. This mode is useful if the user
configuration space is locked and an ADC conversion is
required without unlocking the user configuration space.
Sequencing Mode Setup
A list of the relevant ADC sequencer commands is shown in
Table 21
. These commands are available in the ADC_CONFIG
register (see Table 43 for the ADC_CONFIG register bits). The
default depth (000) is equivalent to one diagnostic channel up
to a binary depth value of 111, which is equivalent to eight
channels.
Three steps are involved in setting up the sequencer:
1. Select the depth.
2. Load the channels into the sequencer N times for N channels.
3. Enable the sequencer.
An example of configuring the sequencer to monitor three
ADC nodes is shown in Figure 87.
Table 21. Command Bits
Value
Description
000
Set the sequencer depth (0 to 7)
001
Load sequencer Channel N with the selected ADC input
010
Enable or disable the key sequencer
011
Enable or disable the automatic sequencer
100
Perform a single conversion on the currently selected
ADC input (D4 to D0)
101
Set up single key conversion, that is, select the ADC
mux input to be used when triggered with a write to
the key register (this is outside of the key sequencing
mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com