Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADFS5758SDZ Datasheet(PDF) 63 Page - Analog Devices

Part # EVAL-ADFS5758SDZ
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADFS5758SDZ Datasheet(HTML) 63 Page - Analog Devices

Back Button EVAL-ADFS5758SDZ Datasheet HTML 59Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 60Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 61Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 62Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 63Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 64Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 65Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 66Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 63 of 75
DC-to-DC Configuration 1 Register
Address: 0x0B, Reset: 0x0B0000, Name: DCDC_CONFIG1
This register is used to configure the dc-to-dc controller mode.
Table 39. Bit Descriptions for DCDC_CONFIG1
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:8]
Reserved
Reserved. Do not alter the default value of these bits.
0x0
R0
7
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
[6:5]
DCDC_MODE
These two bits configure the dc-to-dc converters.
0x0
R/W
00: DC-to-DC converter powered off (default).
01: DPC current mode. The positive DPC rail tracks the headroom of the current
output buffer.
10: DPC voltage mode. The positive DPC rail is regulated to 15 V with respect to
−VSENSE.
11: PPC current mode. VDPC+ is regulated to a user programmable level between 5 V
and 25.677 V (depending on the DCDC_VPROG bits, Bits[4:0]) with respect to −VSENSE.
The ENABLE_PPC_BUFFERS bit (Bit 11 in the ADC_CONFIG register) must be set prior
to enabling PPC current mode.
[4:0]
DCDC_VPROG
DC-to-dc programmed voltage in PPC mode. VDPC+ is regulated to a user programmable
level between 5 V (0b00000) and 25.677 V (0b11111), in steps of 0.667 V. VDPC+ is
regulated with respect to −VSENSE.
0x0
R/W
DC-to-DC Configuration 2 Register
Address: 0x0C, Reset: 0x0C0100, Name: DCDC_CONFIG2
This register configures various dc-to-dc die features, such as the dc-to-dc converter current limit and the dc-to-dc die node, to be
multiplexed to the ADC.
Table 40. Bit Descriptions for DCDC_CONFIG2
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the
FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:13]
Reserved
Reserved. Do not alter the default value of these bits.
0x0
R0
12
BUSY_3WI
Three-wire interface busy indicator.
0x0
R
0: 3-wire interface not currently active.
1: 3-wire interface busy.
11
INTR_SAT_3WI
Three-wire interface saturation flag. This flag is set to 1 when the
interrupt detection circuitry is automatically disabled due to six
consecutive interrupt signals. A write to either of the dc-to-dc
configuration registers clears this bit to 0.
0x0
R
10
DCDC_READ_COMP_DIS
Disable 3-wire interface read and compare cycle. This read and compare
cycle ensures that the contents of the copy of the dc-to-dc configuration
registers on the main die match the contents on the dc-to-dc die.
0x0
R/W
0: enable automatic read and compare cycle (default).
1: when set, this bit disables the automatic read and compare cycle
after each 3-wire interface write.
[9:8]
Reserved
Reserved. Do not alter the default value of these bits.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com