Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/ML Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC18F1230-E/ML
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/ML Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC18F1230-E/ML Datasheet HTML 80Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 81Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 82Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 83Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 84Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 85Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 86Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 87Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 312 page
background image
PIC18F1230/1330
DS39758B-page 82
Advance Information
© 2006 Microchip Technology Inc.
TABLE 9-1:
PORTA I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
RA0/AN0/INT0/
KBI0/CMP0
RA0
0
O
DIG
LATA<0> data output; not affected by analog input.
1
I
TTL
PORTA<0> data input; disabled when analog input enabled.
AN0
1
I
ANA
Analog input 0.
INT0
1
I
ST
External interrupt 0.
KBI0
1
I
TTL
Interrupt-on-change pin.
CMP0
1
I
ANA
Comparator 0 input.
RA1/AN1/INT1/
KBI1
RA1
0
O
DIG
LATA<1> data output; not affected by analog input.
1
I
TTL
PORTA<1> data input; disabled when analog input enabled.
AN1
1
I
ANA
Analog input 1.
INT1
1
I
ST
External interrupt 1.
KBI1
1
I
TTL
Interrupt-on-change pin.
RA2/TX/CK
RA2
0
O
DIG
LATA<2> data output; not affected by analog input. Disabled when
CVREF output enabled.
1
I
TTL
PORTA<2> data input. Disabled when analog functions enabled;
disabled when CVREF output enabled.
TX
0
0
DIG
EUSART asynchronous transmit.
CK
0
O
DIG
EUSART synchronous clock.
1
IST
RA3/RX/DT
RA3
0
O
DIG
LATA<3> data output; not affected by analog input.
1
I
TTL
PORTA<3> data input; disabled when analog input enabled.
RX
1
I
ANA
EUSART asynchronous receive.
DT
0
O
DIG
EUSART synchronous data.
1
ITTL
RA4/T0CKI/AN2/
VREF+
RA4
0
O
DIG
LATA<4> data output.
1
I
ST
PORTA<4> data input; default configuration on POR.
T0CKI
1
I
ST
Timer0 external clock input.
AN2
1
I
ANA
Analog input 2.
VREF+
1
I
ANA
A/D reference voltage (high) input.
MCLR/VPP/RA5/
FLTA
MCLR
1
I
ST
Master Clear (Reset) input. This pin is an active-low Reset to the device.
VPP
1
I
ANA
Programming voltage input.
RA5
1
I
ST
Digital input.
FLTA(1)
1
I
ST
Fault detect input for PWM.
RA6/OSC2/CLKO/
T1OSO/T1CKI/AN3
RA6
0
O
DIG
LATA<6> data output. Enabled in RCIO, INTIO2 and ECIO modes only.
1
I
ST
PORTA<6> data input. Enabled in RCIO, INTIO2 and ECIO modes only.
OSC2
0
O
ANA
Oscillator crystal output or external clock source output.
CLKO
0
O
ANA
Oscillator crystal output.
T1OSO(2)
0
O
ANA
Timer1 oscillator output.
T1CKI(2)
1
I
ST
Timer1 clock input.
AN3
1
I
ANA
Analog input 3.
RA7/OSC1/CLKI/
T1OSI/FLTA
RA7
0
O
DIG
LATA<7> data output. Disabled in external oscillator modes.
1
I
TTL
PORTA<7> data input. Disabled in external oscillator modes.
OSC1
1
I
ANA
Oscillator crystal input or external clock source input.
CLKI
1
I
ANA
External clock source input.
T1OSI(2)
1
I
ANA
Timer1 oscillator input.
FLTA(1)
1
I
ST
Fault detect input for PWM.
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output;
x
= Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Note
1:
Placement of FLTA depends on the value of Configuration bit, FLTAMX, of CONFIG3H.
2:
Placement of T1OSI and T1OSO/T1CKI depends on the value of Configuration bit, T1OSCMX, of CONFIG3H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com