Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/ML Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC18F1230-E/ML
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/ML Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC18F1230-E/ML Datasheet HTML 117Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 118Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 119Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 120Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 121Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 122Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 123Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 124Page - Microchip Technology PIC18F1230-E/ML Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 119
13.3.1
FREE-RUNNING MODE
In the Free-Running mode, the PWM time base
(PTMRL and PTMRH) will begin counting upwards until
the value in the PWM Time Base Period register,
PTPER (PTPERL and PTPERH), is matched. The
PTMR registers will be reset on the following input
clock edge and the time base will continue counting
upwards as long as the PTEN bit remains set.
13.3.2
SINGLE-SHOT MODE
In the Single-Shot mode, the PWM time base will begin
counting upwards when the PTEN bit is set. When the
value in the PTMR register matches the PTPER
register, the PTMR register will be reset on the
following input clock edge and the PTEN bit will be
cleared by the hardware to halt the time base.
13.3.3
CONTINUOUS UP/DOWN COUNT
MODES
In Continuous Up/Down Count modes, the PWM time
base counts upwards until the value in the PTPER
register matches the PTMR register. On the following
input clock edge, the timer counts downwards. The
PTDIR bit in the PTCON1 register is read-only and
indicates the counting direction. The PTDIR bit is set
when the timer counts downwards.
13.3.4
PWM TIME BASE PRESCALER
The input clock to PTMR (FOSC/4) has prescaler
options of 1:1, 1:4, 1:16 or 1:64. These are selected by
control bits, PTCKPS<1:0>, in the PTCON0 register.
The prescaler counter is cleared when any of the
following occurs:
• Write to the PTMR register
• Write to the PTCON (PTCON0 or PTCON1) register
• Any device Reset
Table 13-1 shows the minimum PWM frequencies that
can be generated with the PWM time base and the
prescaler.
An
operating
frequency
of
40 MHz
(FCYC = 10 MHz) and PTPER = 0xFFF are assumed in
the table. The PWM module must be capable of
generating PWM signals at the line frequency (50 Hz or
60 Hz) for certain power control applications.
TABLE 13-1:
MINIMUM PWM FREQUENCY
13.3.5
PWM TIME BASE POSTSCALER
The match output of PTMR can optionally be
postscaled through a 4-bit postscaler (which gives a
1:1 to 1:16 scaling inclusive) to generate an interrupt.
The postscaler counter is cleared when any of the
following occurs:
• Write to the PTMR register
• Write to the PTCONx register
• Any device Reset
The PTMR register is not cleared when PTCONx is
written.
13.4
PWM Time Base Interrupts
The PWM timer can generate interrupts based on the
modes of operation selected by the PTMOD<1:0> bits
and the postscaler bits (PTOPS<3:0>).
13.4.1
INTERRUPTS IN FREE-RUNNING
MODE
When the PWM time base is in the Free-Running mode
(PTMOD<1:0> = 00), an interrupt event is generated
each time a match with the PTPER register occurs. The
PTMR register is reset to zero in the following clock
edge.
Using a postscaler selection other than 1:1 will reduce
the frequency of interrupt events.
Note:
Since the PWM compare outputs are
driven to the active state when the PWM
time-base is counting downwards and
matches the duty cycle value, the PWM
outputs are held inactive during the first
half of the first period of the Continuous
Up/Down Count mode until the PTMR
begins to count down from the PTPER
value.
Note:
The PTMR register is not cleared when
PTCONx is written.
Minimum PWM Frequencies vs. Prescaler Value
for FCYC = 10 MIPS (PTPER = 0FFFh)
Prescale
PWM
Frequency
Edge-Aligned
PWM
Frequency
Center-Aligned
1:1
2441 Hz
1221 Hz
1:4
610 Hz
305 Hz
1:16
153 Hz
76 Hz
1:64
38 Hz
19 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com